Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7697WAF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV7697WAF
Description  PLASMA DISPLAY PANEL SCAN DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7697WAF Datasheet(HTML) 1 Page - STMicroelectronics

  STV7697WAF Datasheet HTML 1Page - STMicroelectronics STV7697WAF Datasheet HTML 2Page - STMicroelectronics STV7697WAF Datasheet HTML 3Page - STMicroelectronics STV7697WAF Datasheet HTML 4Page - STMicroelectronics STV7697WAF Datasheet HTML 5Page - STMicroelectronics STV7697WAF Datasheet HTML 6Page - STMicroelectronics STV7697WAF Datasheet HTML 7Page - STMicroelectronics STV7697WAF Datasheet HTML 8Page - STMicroelectronics STV7697WAF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is preliminary information on a new product in development or undergoing evaluation. Details are subject to change without notice.
Version 4.2
June 2000
1/15
STV7697A
PLASMA DISPLAY PANEL SCAN DRIVER
FEATURES
s
64 OUTPUTS PLASMA DISPLAY DRIVER
s
170V ABSOLUTE MAXIMUM SUPPLY
s
5V SUPPLY FOR LOGIC
s
100/400 mA SOURCE / SINK OUTPUT
s
700 mA SOURCE / SINK OUTPUT DIODE
s
64-BIT SHIFT REGISTER (20 MHz)
s
BLANK CONTROL
s
COMPLEMENTARY OUTPUT CONTROL
s
BCD TECHNOLOGY
s
100 PINS PQFP PACKAGE OR DICE.
DESCRIPTION
The STV7697A is a scan driver for Plasma
Display
Panel
(PDP)
implemented
in
ST’s
proprietary BCD technology. Using a 64-bit
cascadable 20 MHz shift register, it drives 64 high
current & high voltage outputs. By serially
connecting several STV7697A, any vertical pixel
definition can be performed. The STV7697A is
supplied with a separated 160V power output
supply and a 5V logic supply.All command inputs
are CMOS compatible.
The STV769 7A package is a 100 pins PQFP.
.
PQFP100 (14 x 20 x 2.80 mm)
(Full Plastic Quad Flat Pack)
ORDER CODE: STV7697A
ORDER CODE: STV7697A/WAF (1)
(1): Unsawn Tested Wafer
1


Similar Part No. - STV7697WAF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7697 STMICROELECTRONICS-STV7697 Datasheet
164Kb / 8P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-1998
STV7697B STMICROELECTRONICS-STV7697B Datasheet
155Kb / 18P
Scan Driver for Plasma Display Panels
23-Sep-2003
More results

Similar Description - STV7697WAF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
Jun-2000
STV7617 STMICROELECTRONICS-STV7617 Datasheet
124Kb / 17P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-2000
STV7699 STMICROELECTRONICS-STV7699 Datasheet
108Kb / 9P
PLASMA DISPLAY PANEL DATA DRIVER
Jan-1999
STV7697B STMICROELECTRONICS-STV7697B Datasheet
155Kb / 18P
Scan Driver for Plasma Display Panels
23-Sep-2003
STV7620M STMICROELECTRONICS-STV7620M Datasheet
317Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
26-Feb-2004
STV7620 STMICROELECTRONICS-STV7620 Datasheet
136Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
PLASMA DISPLAY PANEL DATA DRIVER
Aug-2003
STV7618 STMICROELECTRONICS-STV7618 Datasheet
125Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
Apr-2002
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
logo
STMicroelectronics
STV7697 STMICROELECTRONICS-STV7697 Datasheet
164Kb / 8P
PLASMA DISPLAY PANEL SCAN DRIVER
Jun-1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com