Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7697WAF Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV7697WAF
Description  PLASMA DISPLAY PANEL SCAN DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7697WAF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV7697WAF Datasheet HTML 5Page - STMicroelectronics STV7697WAF Datasheet HTML 6Page - STMicroelectronics STV7697WAF Datasheet HTML 7Page - STMicroelectronics STV7697WAF Datasheet HTML 8Page - STMicroelectronics STV7697WAF Datasheet HTML 9Page - STMicroelectronics STV7697WAF Datasheet HTML 10Page - STMicroelectronics STV7697WAF Datasheet HTML 11Page - STMicroelectronics STV7697WAF Datasheet HTML 12Page - STMicroelectronics STV7697WAF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
STV7697A
9/15
ELECTRICAL CHARACTERISTICS
(VCC =5 V, VPP = 160 V, VSSP =0 V, VSSLOG =VSSSUB =0 V, Tamb =25°C, fCLK = 20 MHz, unless
otherwise specified)
Note 6 Compatible with power dissipation (see test diagram).
Symbol
Parameter
Test Condition s
Min.
Typ.
Max.
Unit
SUPPLY
VCC
Logic Supply Voltage
4.5
5
5.5
V
ICCH
Logic Supply Current (all inputs high)
-
-
100
µA
ICCL
Logic Supply Current
fCLK = 8 MHz, SIN = 1010
-
5.3
-
mA
VPP
Power Output Supply Voltage
15
-
160
V
IPPH
Power Output Supply Current
(steady outputs)
-
-
100
µA
OUTPUT
OUT1-OUT64
VPOUTH
Power Output High Level (voltage drop
versus VPP)
IPOUTH = - 10 mA
IPOUTH = - 40 mA
10
-
-
5
-
-
V
V
VPOUTL
Power Output Low Level
IPOUTL = 200 mA
-
3.1
10
V
VDOUTH
Output Diode High Level
IDOUTH = +400 mA (5)
-
2.3
10
V
VDOUTL
Output Diode Low Level
IDOUTL = - 400 mA (5)
-10
-2.2
-
V
SOUT
VOH
Logic Output High Level
IOH =1 mA
4
-
-
V
VOL
Logic Output Low Level
IOL = -1 mA
-
-
0.4
V
INPUT (CLK, F/
,
, POL, BLK, SIN, )
VIH
Input High Level
0.8 VCC
--
V
VIL
Input Low Level
-
-
0.2VCC
V
IIH
High Level Input Current
VIH =VCC
--
10
µA
IIL
Low Level Input Current CLK, SIN,
,
F/
, BLK, POL
VIL =0 V
-
-
-
70
10
100
µA
µA
RST B
ST B
R
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com