Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9958/PCBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9958/PCBZ
Description  2-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958/PCBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9958/PCBZ Datasheet HTML 24Page - Analog Devices AD9958/PCBZ Datasheet HTML 25Page - Analog Devices AD9958/PCBZ Datasheet HTML 26Page - Analog Devices AD9958/PCBZ Datasheet HTML 27Page - Analog Devices AD9958/PCBZ Datasheet HTML 28Page - Analog Devices AD9958/PCBZ Datasheet HTML 29Page - Analog Devices AD9958/PCBZ Datasheet HTML 30Page - Analog Devices AD9958/PCBZ Datasheet HTML 31Page - Analog Devices AD9958/PCBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
AD9958
Rev. A | Page 28 of 44
OUTPUT AMPLITUDE CONTROL MODE
The 10-bit scale factor (multiplier) controls the ramp-up and
ramp-down (RU/RD) time of an on/off emission from the DAC.
In burst transmissions of digital data, it reduces the adverse
spectral impact of abrupt bursts of data. The multiplier can
be bypassed by clearing the amplitude multiplier enable bit
(ACR[12] = 0).
Automatic and manual RU/RD modes are supported. The auto-
matic mode generates a zero-scale up to a full-scale (10 bits)
linear ramp at a rate determined by ACR (Register 0x06). The
start and direction of the ramp can be controlled by either the
profile pins or the SDIO_1/SDIO_2/SDIO_3 pins.
Manual mode allows the user to directly control the output
amplitude by manually writing to the amplitude scale factor
value in the ACR (Register 0x06). Manual mode is enabled by
setting ACR[12] = 1 and ACR[11] = 0.
Automatic RU/RD Mode Operation
Automatic RU/RD mode is active when both ACR[12] and
ACR[11] are set. When automatic RU/RD is enabled, the scale
factor is internally generated and applied to the multiplier input
port for scaling the output. The scale factor is the output of a 10-bit
counter that increments/decrements at a rate set by the 8-bit
output ramp rate register. The scale factor increments if the
external pin is high and decrements if the pin is low. The inter-
nally generated scale factor step size is controlled by ACR[15:14].
Table 21 describes the increment/decrement step size of the
internally generated scale factor per ACR[15:14].
Table 21. Increment/Decrement Step Size Assignments
Increment/Decrement Step Size
(ACR [15:14])
Size
00
1
01
2
10
4
11
8
A special feature of this mode is that the maximum output
amplitude allowed is limited by the contents of the amplitude
scale factor (ACR[9:0]). This allows the user to ramp to a value
less than full scale.
Ramp Rate Timer
The ramp rate timer is a loadable down counter that generates
the clock signal to the 10-bit counter that generates the internal
scale factor. The ramp rate timer is loaded with the value of the
LSRR (Register 0x07) each time the counter reaches 1 (decimal).
This load and countdown operation continues for as long as the
timer is enabled unless the timer is forced to load before
reaching a count of 1.
If the load ARR at I/O_UPDATE bit (ACR[10]) is set, the ramp
rate timer is loaded at an I/O update, a change in profile input,
or upon reaching a value of 1. The ramp timer can be loaded
before reaching a count of 1 by three methods.
•
In the first method, the profile pins or the SDIO_1/
SDIO_2/SDIO_3 pins are changed. When the control
signal changes state, the ACR value is loaded into the ramp
rate timer, which then proceeds to count down as normal.
•
In the second method, the load ARR at I/O_UPDATE bit
(ACR[10]) is set, and an I/O update is issued.
•
The third method is to change from inactive automatic
RU/RD mode to active automatic RU/RD mode.
RU/RD Pin-to-Channel Assignment
When all four channels are in single-tone mode, the profile pins
are used for RU/RD operation.
When linear sweep and RU/RD are activated, the SDIO_1/
SDIO_2/SDIO_3 pins are used for RU/RD operation.
In modulation mode, refer to the Modulation Mode section for
pin assignments.
Table 22. Profile Pin Assignments for RU/RD Operation
Profile Pin
RU/RD Operation
P2
CH0
P3
CH1
Table 23. Channel Assignments of SDIO_1/SDIO_2/SDIO_3 Pins for RU/RD Operation
Linear Sweep and RU/RD Modes Enabled
Simultaneously
SDIO_1
SDIO_2
SDIO_3
Ramp-Up/Ramp-Down Control Signal Assignment
Enable for CH0
1
0
0
Ramp-up function for CH0
Enable for CH0
1
0
1
Ramp-down function for CH0
Enable for CH1
1
1
0
Ramp-up function for CH1
Enable for CH1
1
1
1
Ramp-down function for CH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com