Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9958/PCBZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9958/PCBZ
Description  2-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958/PCBZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9958/PCBZ Datasheet HTML 32Page - Analog Devices AD9958/PCBZ Datasheet HTML 33Page - Analog Devices AD9958/PCBZ Datasheet HTML 34Page - Analog Devices AD9958/PCBZ Datasheet HTML 35Page - Analog Devices AD9958/PCBZ Datasheet HTML 36Page - Analog Devices AD9958/PCBZ Datasheet HTML 37Page - Analog Devices AD9958/PCBZ Datasheet HTML 38Page - Analog Devices AD9958/PCBZ Datasheet HTML 39Page - Analog Devices AD9958/PCBZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
AD9958
Rev. A | Page 36 of 44
REGISTER MAPS AND BIT DESCRIPTIONS
REGISTER MAPS
Table 28. Control Register Map
Register
Name
(Serial
Address)
Bit
Range
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Channel
Select
Register
(CSR)
(0x00)
[7:0]
Channel 1
enable1
Channel 0
enable1
Open2
Open2
Must
be 0
Serial I/O mode
select[2:1]
LSB first
0xF0
Function
Register 1
(FR1)
(0x01)
[23:16]
VCO gain
control
PLL divider ratio[22:18]
Charge pump
control[17:16]
0x00
[15:8]
Open
Profile pin configuration (PPC)[14:12]
Ramp-up/
ramp-down
(RU/RD)[11:10]
Modulation level[9:8]
0x00
[7:0]
Reference
clock input
power-down
External power-
down mode
SYNC_CLK
disable
DAC reference
power-down
Open[3:2]
Manual
hardware
sync
Manual
software
sync
0x00
Function
Register 2
(FR2)
(0x02)
[15:8]
All channels
autoclear
sweep
accumulator
All channels
clear wweep
accumulator
All channels
autoclear phase
accumulator
All channels
clear phase
accumulator
Open[11:8]
0x00
[7:0]
Auto sync
enable
Multidevice sync
master enable
Multidevice sync
status
Multidevice sync
mask
Open[3:2]
System clock
offset[1:0]
0x00
1 Channel enable bits do not require an I/O update to be activated. These bits are active immediately after the byte containing the bits is written. All other bits need an
I/O update to become active. The two channel enable bits shown in Table 28 are used to enable/disable any combination of the two channels. The default for both
channels is enabled. In readback mode, enable one channel enable bit at a time.
2 This bit must be disabled (Logic 0) in readback mode.
In the channel select register, if the user wants two different
frequencies for the two DDS channels, use the following
protocol:
1.
Enable (Logic 1) the Channel 0 enable bit, which is located
in the channel select register, and disable the Channel 1
enable bit (Logic 0).
2.
Write the desired frequency tuning word for Channel 0, as
described in Step 1, and then disable the Channel 0 enable
bit (Logic 0).
3.
Enable the Channel 1 enable bit only, located in the
channel select Register.
4.
Write the desired frequency tuning word for Channel 1 in
Step 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com