Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9958/PCBZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD9958/PCBZ
Description  2-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958/PCBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9958/PCBZ Datasheet HTML 36Page - Analog Devices AD9958/PCBZ Datasheet HTML 37Page - Analog Devices AD9958/PCBZ Datasheet HTML 38Page - Analog Devices AD9958/PCBZ Datasheet HTML 39Page - Analog Devices AD9958/PCBZ Datasheet HTML 40Page - Analog Devices AD9958/PCBZ Datasheet HTML 41Page - Analog Devices AD9958/PCBZ Datasheet HTML 42Page - Analog Devices AD9958/PCBZ Datasheet HTML 43Page - Analog Devices AD9958/PCBZ Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
AD9958
Rev. A | Page 42 of 44
Channel Frequency Tuning Word 0 (CFTW0)—Address 0x04
Four bytes are assigned to this register.
Table 35. Description for CFTW0
Bit
Mnemonic
Description
31:0
Frequency Tuning Word 0
Frequency Tuning Word 0 for each channel.
Channel Phase Offset Word 0 (CPOW0)—Address 0x05
Two bytes are assigned to this register.
Table 36. Description for CPOW0
Bit
Mnemonic
Description
15:14
Open
13:0
Phase Offset Word 0
Phase Offset Word 0 for each channel.
Amplitude Control Register (ACR)—Address 0x06
Three bytes are assigned to this register.
Table 37. Description for ACR
Bit
Mnemonic
Description
23:16
Amplitude ramp rate
Amplitude ramp rate value.
15:14
Increment/decrement
step size
Amplitude increment/decrement step size.
13
Open
12
Amplitude multiplier
enable
0 = amplitude multiplier is disabled. The clocks to this scaling function (auto RU/RD) are stopped
for power saving, and the data from the DDS core is routed around the multipliers (default).
1 = amplitude multiplier is enabled.
11
Ramp-up/ramp-down
This bit is valid only when ACR[12] is active high.
enable
0 = when ACR[12] is active, Logic 0 on ACR[11] enables the manual RU/RD operation. See the
Output Amplitude Control Mode section for details (default).
1 = if ACR[12] is active, a Logic 1 on ACR[11] enables the auto RU/RD operation. See the Output
Amplitude Control Mode section for details.
10
Load ARR at
I/O_UPDATE
0 = the amplitude ramp rate timer is loaded only upon timeout (timer = 1) and is not loaded due
to an I/O_UPDATE input signal (default).
1 = the amplitude ramp rate timer is loaded upon timeout (timer = 1) or at the time of an
I/O_UPDATE input signal.
9:0
Amplitude scale factor
Amplitude scale factor for each channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com