Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9958/PCBZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9958/PCBZ
Description  2-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958/PCBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9958/PCBZ Datasheet HTML 13Page - Analog Devices AD9958/PCBZ Datasheet HTML 14Page - Analog Devices AD9958/PCBZ Datasheet HTML 15Page - Analog Devices AD9958/PCBZ Datasheet HTML 16Page - Analog Devices AD9958/PCBZ Datasheet HTML 17Page - Analog Devices AD9958/PCBZ Datasheet HTML 18Page - Analog Devices AD9958/PCBZ Datasheet HTML 19Page - Analog Devices AD9958/PCBZ Datasheet HTML 20Page - Analog Devices AD9958/PCBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
AD9958
Rev. A | Page 17 of 44
EQUIVALENT INPUT AND OUTPUT CIRCUITS
AVOID OVERDRIVING
DIGITAL INPUTS.
FORWARD BIASING
DIODES MAY COUPLE
DIGITAL NOISE ON
POWER PINS.
DVDD_I/O = 3.3V
INPUT
OUTPUT
Figure 29. CMOS Digital Inputs
TERMINATE OUTPUTS
INTO AVDD. DO NOT
EXCEED VOLTAGE
COMPLIANCE OF
OUTPUTS.
CHx_IOUT
CHx_IOUT
Figure 30. DAC Outputs
REF_CLK INPUTS ARE
INTERNALLY BIASED AND
NEED TO BE AC-COUPLED.
OSC INPUTS ARE DC-COUPLED.
AMP
REF_CLK
REF_CLK
OSC
OSC
AVDD
1.5kΩ
AVDD
1.5kΩ
AVDD
Z
Z
Figure 31. REF_CLK/REF_CLK Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com