Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9958/PCBZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9958/PCBZ
Description  2-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958/PCBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9958/PCBZ Datasheet HTML 27Page - Analog Devices AD9958/PCBZ Datasheet HTML 28Page - Analog Devices AD9958/PCBZ Datasheet HTML 29Page - Analog Devices AD9958/PCBZ Datasheet HTML 30Page - Analog Devices AD9958/PCBZ Datasheet HTML 31Page - Analog Devices AD9958/PCBZ Datasheet HTML 32Page - Analog Devices AD9958/PCBZ Datasheet HTML 33Page - Analog Devices AD9958/PCBZ Datasheet HTML 34Page - Analog Devices AD9958/PCBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
AD9958
Rev. A | Page 31 of 44
SERIAL I/O PORT
OVERVIEW
The AD9958 serial I/O port offers multiple configurations to
provide significant flexibility. The serial I/O port offers an SPI-
compatible mode of operation that is virtually identical to the
SPI operation found in earlier Analog Devices DDS products.
The flexibility is provided by four data pins (SDIO_0, SDIO_1,
SDIO_2, SDIO_3) that allow four programmable modes of
serial I/O operation.
Three of the four data pins (SDIO_1, SDIO_2, SDIO_3) can be
used for functions other than serial I/O port operation. These pins
can also be used to initiate a ramp-up or ramp-down (RU/RD)
of the 10-bit amplitude output scalar. In addition, SDIO_3 can
be used to provide the SYNC_I/O function that resynchronizes
the serial I/O port controller if it is out of proper sequence.
The maximum speed of the serial I/O port SCLK is 200 MHz,
but the four data pins (SDIO_0, SDIO_1, SDIO_2, SDIO_3)
can be used to further increase data throughput. The maximum
data throughput using all the SDIO pins (SDIO_0, SDIO_1,
SDIO_2, SDIO_3) is 800 Mbps.
Note that both channels share Register 0x03 to Register 0x18,
which are shown in the Register Maps and Bit Descriptions
section. This address sharing enables both DDS channels to be
written to simultaneously. For example, if a common frequency
tuning word is desired for both channels, it can be written once
through the serial I/O port to both channels. This is the default
mode of operation (all channels enabled). To enable each channel
to be independent, the two channel enable bits found in the
channel select register (CSR, Register 0x00) must be used.
There are effectively four sets or copies of addresses (Register 0x03
to Register 0x18) that the channel enable bits can access to provide
channel independence. See the Descriptions for Control Registers
section for further details of programming channels that are
common to or independent from each other. To properly read
back Register 0x03 to Register 0x18, the user must enable only
one channel enable bit at a time.
Serial operation of the AD9958 occurs at the register level,
not the byte level; that is, the controller expects that all bytes
contained in the register address are accessed. The SYNC_I/O
function can be used to abort an I/O operation, thereby allowing
fewer than all bytes to be accessed. This feature can be used to
program only a part of the addressed register. Note that only
completed bytes are affected.
There are two phases to a serial communications cycle. Phase 1
is the instruction cycle, which writes the instruction byte into
the AD9958. Each bit of the instruction byte is registered on
each corresponding rising edge of SCLK. The instruction byte
defines whether the upcoming data transfer is a write or read
operation. The instruction byte contains the serial address of
the address register.
Phase 2 of the I/O cycle consists of the actual data transfer
(write/read) between the serial port controller and the serial
port buffer. The number of bytes transferred during this phase
of the communication cycle is a function of the register being
accessed. The actual number of additional SCLK rising edges
required for the data transfer and instruction byte depends on
the number of bytes in the register and the serial I/O mode of
operation.
For example, when accessing Function Register 1 (FR1), which
is three bytes wide, Phase 2 of the I/O cycle requires that three
bytes be transferred. After transferring all data bytes per the
instruction byte, the communication cycle is completed for that
register.
At the completion of a communication cycle, the AD9958 serial
port controller expects the next set of rising SCLK edges to be
the instruction byte for the next communication cycle. All data
written to the AD9958 is registered on the rising edge of SCLK.
Data is read on the falling edge of SCLK (see Figure 43 through
Figure 49). The timing specifications for Figure 41 and Figure 42
are described in Table 25.
tPRE
tDSU
tSCLK
tSCLKPWL
tSCLKPWH
tDHLD
CS
SCLK
SDIO_x
Figure 41. Setup and Hold Timing for the Serial I/O Port
tDV
CS
SCLK
SDIO_x
SDO (SDIO_2)
Figure 42. Timing Diagram for Data Read for Serial I/O Port
Table 25. Timing Specifications
Parameter
Min
Unit
Description
tPRE
1.0
ns min
CS setup time
tSCLK
5.0
ns min
Period of serial data clock
tDSU
2.2
ns min
Serial data setup time
tSCLKPWH
2.2
ns min
Serial data clock pulse width high
tSCLKPWL
1.6
ns min
Serial data clock pulse width low
tDHLD
0
ns min
Serial data hold time
tDV
12
ns min
Data valid time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com