Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35052 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M35052
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35052 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M35052 Datasheet HTML 3Page - Renesas Technology Corp M35052 Datasheet HTML 4Page - Renesas Technology Corp M35052 Datasheet HTML 5Page - Renesas Technology Corp M35052 Datasheet HTML 6Page - Renesas Technology Corp M35052 Datasheet HTML 7Page - Renesas Technology Corp M35052 Datasheet HTML 8Page - Renesas Technology Corp M35052 Datasheet HTML 9Page - Renesas Technology Corp M35052 Datasheet HTML 10Page - Renesas Technology Corp M35052 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
MITSUBISHI MICROCOMPUTERS
M35052-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
6
Status
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
DA
0~C
0
1
2
3
4
5
6
7
8
9
A
B
C
Name
C0
(LSB)
C1
C2
C3
C4
C5
C6
(MSB)
EC0
EC1
EC2
BLINK
REV
Contents
Function
Set ROM-held character code of a character needed
to display.
Set to “0” during normal operation
Can not be used
When EFILD1, 0=1, 0 or 0, 1, set code of the data
needed to encode.
When RGBON=1, set background color by character
unit.
No blinking
Blinking
Normal character
Reversed character
Remarks
(Note 2)
Refer to encode function.
Refer to supplemental
explanation (4).
Refer to BLINK2 to 0
(address F516)
Notes
__
1. Resetting at the AC pin RAM-erases the display RAM, and the status turns as indicated by the mark
around in the status column.
2. Set to “1” only when you set a blank code.
Display RAM DESCRIPTION
Display RAM Address 0016 to EF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com