Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35052 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M35052
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35052 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M35052 Datasheet HTML 6Page - Renesas Technology Corp M35052 Datasheet HTML 7Page - Renesas Technology Corp M35052 Datasheet HTML 8Page - Renesas Technology Corp M35052 Datasheet HTML 9Page - Renesas Technology Corp M35052 Datasheet HTML 10Page - Renesas Technology Corp M35052 Datasheet HTML 11Page - Renesas Technology Corp M35052 Datasheet HTML 12Page - Renesas Technology Corp M35052 Datasheet HTML 13Page - Renesas Technology Corp M35052 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
MITSUBISHI MICROCOMPUTERS
M35052-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
9
Status
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Register
VP0
(LSB)
VP1
VP2
VP3
VP4
VP5
VP6
VP7
(MSB)
EVP0
(LSB)
EVP1
EVP2
EVP3
EVP4
(MSB)
TEST27
Contents
DA
0~D
0
1
2
3
4
5
6
7
8
9
A
B
C
D
Function
Let vertical display start position be VS,
HS = T !
Σ2nVpn
Let the encode lines be EVS,
DVS=
Σ2nEVpn+6
It should be fixed to “0”.
Can not be used.
(3) Address F216
Remarks
Set the vertical display start
position by use of VP7 through
VP0. VP7 to VP0 = (00000000)
to (00000110) setting is
forbidden.
It can be set this up to 249 steps
in increments of one H.
VP7 to VP0 = (00000000) to
(00100011) setting is forbidden.
Sets the lines (horizontal
scanning lines) under encoding
by use of EVP4 through EVP0.
EVP4 to EVP0 = (00000) to
(00011) setting is forbidden.
Thus, it can be defined a setting
up to 26 steps covered by a
range from line 10 to line 35.
Refer to supplemental
explanation (2) about the encode
lines (EVS).
H : The oscillation cycle of horizontal
synchronous signal
7
n=0
4
n=0
VS
HS
HOR
Character
displaying
area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com