Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35052 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M35052
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35052 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M35052 Datasheet HTML 9Page - Renesas Technology Corp M35052 Datasheet HTML 10Page - Renesas Technology Corp M35052 Datasheet HTML 11Page - Renesas Technology Corp M35052 Datasheet HTML 12Page - Renesas Technology Corp M35052 Datasheet HTML 13Page - Renesas Technology Corp M35052 Datasheet HTML 14Page - Renesas Technology Corp M35052 Datasheet HTML 15Page - Renesas Technology Corp M35052 Datasheet HTML 16Page - Renesas Technology Corp M35052 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
MITSUBISHI MICROCOMPUTERS
M35052-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
12
Status
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Register
BLINK0
BLINK1
BLINK2
_____
N/P
______________________
INT/NON
MPAL
PALH
EQP
TEST15
TEST16
TEST17
______________
MB/LB
TEST19
TEST30
Contents
DA
0~D
0
1
2
3
4
5
6
7
8
9
A
B
C
D
Function
BLINK0
0
0
1
1
BLINK1
0
1
0
1
Duty
Blinking off
25%
50%
75%
(6) Address F516
Remarks
Blinking duty ratio can be
altered. (Note)
Blinking cycle can be altered.
Refer to register MPAL
Scanning lines control (only in
internal synchronization)
Synchronizing signal is selected
_
with this register and N/P
register.
It should be fixed to “0” at NTSC
Effective only at non-interlace
Setting the decode data output
form
Division of vertical synchronizing signal into 1/64.
Cycle approximately 1 second.
Division of vertical synchronizing signal into 1/32.
Cycle approximately 0.5 second.
NTSC, M-PAL mode
PAL mode
Interlace
Non interlace
Not include the equivalent pulse.
Include the equivalent pulse.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
Output from MSB side
Output from LSB side
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
_
N/P
0
0
1
1
MPAL
0
1
0
1
Synchronous mode
NTSC
M-PAL
PAL
Not available
PALH
0
1
__
INT/NON
0
1
0
1
Number of scanning lines
625H lines
626H lines
627H lines
628H lines
Note. To flash a character, set 1 to DAB (the flash bit) of the display RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com