Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35052 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M35052
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35052 Datasheet(HTML) 2 Page - Renesas Technology Corp

  M35052 Datasheet HTML 1Page - Renesas Technology Corp M35052 Datasheet HTML 2Page - Renesas Technology Corp M35052 Datasheet HTML 3Page - Renesas Technology Corp M35052 Datasheet HTML 4Page - Renesas Technology Corp M35052 Datasheet HTML 5Page - Renesas Technology Corp M35052 Datasheet HTML 6Page - Renesas Technology Corp M35052 Datasheet HTML 7Page - Renesas Technology Corp M35052 Datasheet HTML 8Page - Renesas Technology Corp M35052 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
M35052-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
DESCRIPTION
The M35052-XXXSP/FP is TV screen display control IC which can
be used to display information such as number of channels, the date
and messages and program schedules on the TV screen.
In particular, owing to the built-in SYNC-SEP (synchronous separa-
tion) circuit, the synchronous correction circuit, the Decoder circuit,
and to the Encoder circuit, external circuits can be decrease and
character turbulence that occurs when superimposing can be reduced.
The processor can conform to the EDS broadcast service and is suit-
able for AV systems such as VTRs, LDs, and so on.
It is a silicon gate CMOS process and M35052-XXXSP is housed in
a 20-pin shrink DIP package, M35052-XXXFP is housed in a 20-pin
shrink SOP package.
For M35052-001SP/FP that is a standard ROM version of M35052-
XXXSP/FP respectively, the character pattern is also mentioned.
FEATURES
Screen composition .............................. 24 characters ✕ 10 lines,
32 characters ✕ 7 lines
Number of characters displayed .................................. 240 (Max.)
Character composition ..................................... 12 ✕ 18 dot matrix
Characters available ............................................. 128 characters
Character sizes available .................... 4 (horizontal) ✕ 4 (vertical)
Display locations available
Horizontal direction ............................................... 240 locations
Vertical direction ................................................... 256 locations
Blinking ................................................................. Character units
Cycle : approximately 1 second, or approximately 0.5 seconds
Duty : 25%, 50%, or 75%
Data input.............................. By the serial input function (16 bits)
Coloring
Background coloring (composite video signal)
Blanking
Total blanking (14 ✕ 18 dots)
Border size blanking
Character size blanking
Synchronizing signal
Composite synchronizing signal generation
(PAL, NTSC, M-PAL)
2 output ports (1 digital line)
Oscillation stop function
It is possible to stop the oscillation for synchronizing signal
generation
Built-in half-tone display function
Built-in reversed character display function
Built-in Decoder (NTSC only)
Built-in Encoder (NTSC only)
Built-in synchronous correction circuit
Built-in synchronous separation circuit
APPLICATION
TV, VCR, Movie
PIN CONFIGURATION (TOP VIEW)
REV.1.2
CP1
TESTA
CS
SCK
SIN
AC
VDD2
CVIDEO
LECHA
CVIN
VDD1
HOR
CP2
OSCIN
VSS
P1
P0
TESTB
EDO
VSS
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
CP1
TESTA
CS
SCK
SIN
AC
VDD2
CVIDEO
LECHA
CVIN
VDD1
HOR
CP2
OSCIN
VSS
P1
P0
EDO
VSS
Outline 20P4B
Outline 20P2Q-A
TESTB
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com