Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35052 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M35052
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35052 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M35052 Datasheet HTML 14Page - Renesas Technology Corp M35052 Datasheet HTML 15Page - Renesas Technology Corp M35052 Datasheet HTML 16Page - Renesas Technology Corp M35052 Datasheet HTML 17Page - Renesas Technology Corp M35052 Datasheet HTML 18Page - Renesas Technology Corp M35052 Datasheet HTML 19Page - Renesas Technology Corp M35052 Datasheet HTML 20Page - Renesas Technology Corp M35052 Datasheet HTML 21Page - Renesas Technology Corp M35052 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
MITSUBISHI MICROCOMPUTERS
M35052-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
17
Fig. 6 Bector phases
VDD : 5.0V, Ta : 25°C
(3) Video signal level
(4) Setting RGBON (address F716)
a) When encode is off .... EFILD1, 0 (address F316) = 0,0
Encode setting ... Not effected
RGBON = “0” ..... Sets background colors depending on BB, BG,
and BR (address F616), screen by screen.
RGBON = “1” ..... Sets background colors depending on EC2 to
EC0 (address 0016 to EF16), character by char-
acter. The color setting is shown below.
b) When encode is on ... EFILD1, 0 (address F316) = 0, 1 or 1, 0
Encode setting ... Sets encode data depending on EC2 through
EC0. (Refer to the encode functions for details.)
RGBON = “0” ..... Sets background colors depending on BB, BG
and BR (address F616) screen by screen.
RGBON = “1” ..... This setting can not be used.
(When encode is on, setting RGBON to “1” re-
sults in setting both encode data and back-
ground colors depending on the same memory
(EC2 through EC0), so this setting can not be
used.
Amplitude ratio (to color burst)
Max.
4.5
4.2
3.0
3.0
4.2
4.5
PAL, M-PAL method
±4π/16
±7π/16±2π/16
5
π/16±2π/16
±π/16±2π/16
15
π/16±2π/16
±11π/16±2π/16
9
π/16±2π/16
Color
Sync-chip
Pedestal
Color burst
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
NTSC method
0
7
π/16±2π/16
27
π/16±2π/16
π/16±2π/16
17
π/16±2π/16
11
π/16±2π/16
23
π/16±2π/16
Min.
1.3
1.9
1.9
2.1
2.3
2.7
3.1
2.0
2.5
2.9
3.1
Typ.
1.5
2.1
2.1
2.3
2.5
2.9
3.3
2.2
2.7
3.1
3.3
Max.
1.7
2.3
2.3
2.5
2.7
3.1
3.5
2.4
2.9
3.3
3.5
Min.
1.5
1.4
1.0
1.0
1.4
1.5
Typ.
1.0
3.0
2.8
2.0
2.0
2.8
3.0
Phase angle (rad)
Brightness level (V)
+
+
+
CB
CB1
CB2
RS1
RS2
π/4
R-Y
B-Y
-
π/4
CB
Color burst under NTSC
CB1,CB2
Color burst under PAL or M-PAL
RS1,RS2
Color subcarrier under PAL or M-PAL
EC2
0
0
0
0
1
1
1
1
EC1
0
0
1
1
0
0
1
1
EC0
0
1
0
1
0
1
0
1
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
Color Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com