Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7261 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 44Page - Renesas Technology Corp SH7261 Datasheet HTML 45Page - Renesas Technology Corp SH7261 Datasheet HTML 46Page - Renesas Technology Corp SH7261 Datasheet HTML 47Page - Renesas Technology Corp SH7261 Datasheet HTML 48Page - Renesas Technology Corp SH7261 Datasheet HTML 49Page - Renesas Technology Corp SH7261 Datasheet HTML 50Page - Renesas Technology Corp SH7261 Datasheet HTML 51Page - Renesas Technology Corp SH7261 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 1348 page
background image
Section 1 Overview
Rev. 2.00 Sep. 07, 2007 Page 16 of 1312
REJ09B0320-0200
Classification
Symbol
I/O
Name
Function
PLLVCC
I
Power supply for
PLL
Power supply for the on-chip PLL
oscillator. This LSI does not operate
correctly if this pin is left open.
Power supply
PLLVSS
I
Ground for PLL
Ground pin for the on-chip PLL
oscillator. This LSI does not operate
correctly if this pin is left open.
EXTAL
I
XTAL
O
Crystal resonator/
external clock
Pin connected to a crystal resonator.
An external clock signal may also be
input to the EXTAL pin.
Clock
CKIO
I/O
System clock I/O Input pin for an external clock or
output pin for supplying the system
clock to external devices
Operating mode
control
MD1, MD0
I
Mode set
Pins to set the operating mode. Do
not change signal levels on these
pins during operation.
MD_CLK1,
MD_CLK0
I
Clock mode set
Pins to set the clock operating mode.
Do not change signal levels on these
pins during operation.
ASEMD
I
Debugging mode This pin is valid when the E10A-USB
emulator is in use. Otherwise, fix the
signal level on this pin high.
System control
RES
I
Power-on reset
This LSI enters the power-on reset
state when this signal goes low.
MRES
I
Manual reset
This LSI enters the manual reset
state when this signal goes low.
WDTOVF
O
Watchdog timer
overflow
An overflow signal from the WDT is
output on this pin.
ASEBRKAK
O
Break mode
acknowledge
Indicates that the E10A-USB
emulator has entered its break
mode.
ASEBRK*
I
Break request
E10A-USB emulator break input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com