Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7261 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 20Page - Renesas Technology Corp SH7261 Datasheet HTML 21Page - Renesas Technology Corp SH7261 Datasheet HTML 22Page - Renesas Technology Corp SH7261 Datasheet HTML 23Page - Renesas Technology Corp SH7261 Datasheet HTML 24Page - Renesas Technology Corp SH7261 Datasheet HTML 25Page - Renesas Technology Corp SH7261 Datasheet HTML 26Page - Renesas Technology Corp SH7261 Datasheet HTML 27Page - Renesas Technology Corp SH7261 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 1348 page
background image
Rev. 2.00 Sep. 07, 2007 Page xxiv of xxxii
20.1.3 Transfer Data (Data Field Contents)..................................................................... 888
20.1.4 Bit Format............................................................................................................. 891
20.1.5 Configuration........................................................................................................ 892
20.2
Input/Output Pins...............................................................................................................894
20.3
Register Descriptions ......................................................................................................... 894
20.3.1 IEBus Control Register (IECTR).......................................................................... 896
20.3.2 IEBus Command Register (IECMR) .................................................................... 897
20.3.3 IEBus Master Control Register (IEMCR)............................................................. 899
20.3.4 IEBus Master Unit Address Register 1 (IEAR1) .................................................. 901
20.3.5 IEBus Master Unit Address Register 2 (IEAR2) .................................................. 902
20.3.6 IEBus Slave Address Setting Register 1 (IESA1)................................................. 903
20.3.7 IEBus Slave Address Setting Register 2 (IESA2)................................................. 903
20.3.8 IEBus Transmit Message Length Register (IETBFL) .......................................... 904
20.3.9 IEBus Reception Master Address Register 1 (IEMA1) ........................................ 905
20.3.10 IEBus Reception Master Address Register 2 (IEMA2) ........................................ 906
20.3.11 IEBus Receive Control Field Register (IERCTL) ................................................ 907
20.3.12 IEBus Receive Message Length Register (IERBFL)............................................ 908
20.3.13 IEBus Lock Address Register 1 (IELA1) ............................................................. 908
20.3.14 IEBus Lock Address Register 2 (IELA2) ............................................................. 909
20.3.15 IEBus General Flag Register (IEFLG) ................................................................. 910
20.3.16 IEBus Transmit Status Register (IETSR) ............................................................. 913
20.3.17 IEBus Transmit Interrupt Enable Register (IEIET) .............................................. 917
20.3.18 IEBus Receive Status Register (IERSR)............................................................... 919
20.3.19 IEBus Receive Interrupt Enable Register (IEIER)................................................ 923
20.3.20 IEBus Clock Selection Register (IECKSR) .......................................................... 924
20.3.21 IEBus Transmit Data Buffer 001 to 128 (IETB001 to IETB128)......................... 926
20.3.22 IEBus Receive Data Buffer 001 to 128 (IERB001 to IERB128) .......................... 927
20.4
Data Format ....................................................................................................................... 928
20.4.1 Transmission Format ............................................................................................ 928
20.4.2 Reception Format.................................................................................................. 929
20.5
Software Control Flows ..................................................................................................... 930
20.5.1 Initial Setting ........................................................................................................ 930
20.5.2 Master Transmission............................................................................................. 931
20.5.3 Slave Reception .................................................................................................... 932
20.5.4 Master Reception .................................................................................................. 933
20.5.5 Slave Transmission ............................................................................................... 934
20.6
Operation Timing............................................................................................................... 935
20.6.1 Master Transmit Operation ................................................................................... 935
20.6.2 Slave Receive Operation....................................................................................... 936
20.6.3 Master Receive Operation .................................................................................... 937



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com