Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7261 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 23Page - Renesas Technology Corp SH7261 Datasheet HTML 24Page - Renesas Technology Corp SH7261 Datasheet HTML 25Page - Renesas Technology Corp SH7261 Datasheet HTML 26Page - Renesas Technology Corp SH7261 Datasheet HTML 27Page - Renesas Technology Corp SH7261 Datasheet HTML 28Page - Renesas Technology Corp SH7261 Datasheet HTML 29Page - Renesas Technology Corp SH7261 Datasheet HTML 30Page - Renesas Technology Corp SH7261 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 1348 page
background image
Rev. 2.00 Sep. 07, 2007 Page xxvii of xxxii
21.3.47 CD-ROM Decoder Reset Status Register (RSTSTAT) ........................................ 985
21.3.48 SSI Data Control Register (SSI) ........................................................................... 985
21.3.49 Interrupt Flag Register (INTHOLD)..................................................................... 988
21.3.50 Interrupt Source Mask Control Register (INHINT).............................................. 989
21.3.51 Buffer Control Register (RINGBUFCTL) ............................................................ 990
21.3.52 CD-ROM Decoder Stream Data Input Register (STRMDIN0) ............................ 991
21.3.53 CD-ROM Decoder Stream Data Input Register (STRMDIN1) ............................ 991
21.3.54 CD-ROM Decoder Stream Data Input Register (STRMDIN2) ............................ 992
21.3.55 CD-ROM Decoder Stream Data Input Register (STRMDIN3) ............................ 992
21.3.56 CD-ROM Decoder Stream Data Output Register (STRMDOUT0)...................... 993
21.3.57 CD-ROM Decoder Stream Data Output Register (STRMDOUT1)...................... 993
21.4
Operation ........................................................................................................................... 994
21.4.1 Endian Conversion for Data in the Input Stream .................................................. 994
21.4.2 Sync Code Maintenance Function ........................................................................ 995
21.4.3 Error Correction.................................................................................................. 1000
21.4.4 Automatic Decoding Stop Function.................................................................... 1001
21.4.5 Buffering Format ................................................................................................ 1002
21.4.6 Target-Sector Buffering Function....................................................................... 1004
21.5
Interrupt Sources.............................................................................................................. 1006
21.5.1 Interrupt and DMA Transfer Request Signals .................................................... 1006
21.5.2 Timing of Status Registers Updates.................................................................... 1008
21.6
Usage Notes ..................................................................................................................... 1008
21.6.1 Stopping and Resuming Buffering Alone During Decoding .............................. 1008
21.6.2 When CROMST0 Status Register Bits are Set ................................................... 1008
21.6.3 Link Blocks......................................................................................................... 1008
21.6.4 Reading from the STRMDOUT0 and STRMDOUT1 Registers ........................ 1009
21.6.5 Stopping and Resuming CD-DSP Operation ...................................................... 1010
Section 22 A/D Converter (ADC)....................................................................1011
22.1
Features............................................................................................................................ 1011
22.2
Input/Output Pins ............................................................................................................. 1013
22.3
Register Configuration..................................................................................................... 1014
22.3.1 A/D Data Registers A to H (ADDRA to ADDRH) ............................................ 1014
22.3.2 A/D Control/Status Register (ADCSR) .............................................................. 1016
22.4
Operation ......................................................................................................................... 1020
22.4.1 Single Mode........................................................................................................ 1020
22.4.2 Multi Mode ......................................................................................................... 1023
22.4.3 Scan Mode .......................................................................................................... 1025
22.4.4 A/D Converter Activation by External Trigger, MTU2, or TMR....................... 1028
22.4.5 Input Sampling and A/D Conversion Time ........................................................ 1028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com