Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7261 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 48Page - Renesas Technology Corp SH7261 Datasheet HTML 49Page - Renesas Technology Corp SH7261 Datasheet HTML 50Page - Renesas Technology Corp SH7261 Datasheet HTML 51Page - Renesas Technology Corp SH7261 Datasheet HTML 52Page - Renesas Technology Corp SH7261 Datasheet HTML 53Page - Renesas Technology Corp SH7261 Datasheet HTML 54Page - Renesas Technology Corp SH7261 Datasheet HTML 55Page - Renesas Technology Corp SH7261 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 1348 page
background image
Section 1 Overview
Rev. 2.00 Sep. 07, 2007 Page 20 of 1312
REJ09B0320-0200
Classification
Symbol
I/O
Name
Function
8-bit timer (TMR) TMO0, TMO1
O
Timer output
Pins for waveform outputs by output
compare
TMCI0, TMCI1,
TMRI0, TMRI1
I
Timer clock/timer
reset input
Input pins for an external clock or an
external reset for the timer
RTC_X1
I
Realtime clock
(RTC)
RTC_X2
O
Crystal resonator
for RTC
Pin connected to 32.768-kHz crystal
resonator
TxD7 to TxD0
O
Transmit data
Data output pins
RxD7 to RxD0
I
Receive data
Data input pins
Serial
communication
interface with
FIFO (SCIF)
SCK7 to SCK0
I/O
Serial clock
Clock input/output pins
SCL2 to SCL0
I/O
Serial clock pin
Serial clock input/output pin
I
2C bus
interface 3 (IIC3)
SDA2 to SDA0
I/O
Serial data pin
Serial data input/output pin
SSIDATA0,
SSIDATA1
I/O
SSI data I/O
I/O pins for serial data
Serial sound
interface (SSI)
SSISCK0,
SSISCK1
I/O
SSI clock I/O
I/O pins for serial clocks
SSIWS0,
SSIWS1
I/O
SSI clock LR I/O
I/O pins for word selection
AUDIO_CLK
I
External clock for
SSI audio
Input pin of external clock for SSI
audio (32/44.1/48 kHz
×
256/384/512). A clock input to the
divider is selected from an oscillation
clock input on this pin or pins
AUDIO_X1 and AUDIO_X2.
AUDIO_X1
I
AUDIO_X2
O
Crystal resonator
for SSI audio
Pins connected to a crystal resonator
for SSI audio. An external clock can
be input on pin AUDIO_X1
(32/44.1/48 kHz
× 256/384/512). A
clock input to the divider is selected
from an oscillation clock input on
these pins or the AUDIO_CLK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com