Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7261 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 16Page - Renesas Technology Corp SH7261 Datasheet HTML 17Page - Renesas Technology Corp SH7261 Datasheet HTML 18Page - Renesas Technology Corp SH7261 Datasheet HTML 19Page - Renesas Technology Corp SH7261 Datasheet HTML 20Page - Renesas Technology Corp SH7261 Datasheet HTML 21Page - Renesas Technology Corp SH7261 Datasheet HTML 22Page - Renesas Technology Corp SH7261 Datasheet HTML 23Page - Renesas Technology Corp SH7261 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 1348 page
background image
Rev. 2.00 Sep. 07, 2007 Page xx of xxxii
15.3.4 Hour Counter (RHRCNT) .................................................................................... 645
15.3.5 Day of Week Counter (RWKCNT) ...................................................................... 646
15.3.6 Date Counter (RDAYCNT) .................................................................................. 647
15.3.7 Month Counter (RMONCNT) .............................................................................. 648
15.3.8 Year Counter (RYRCNT) ..................................................................................... 649
15.3.9 Second Alarm Register (RSECAR) ...................................................................... 650
15.3.10 Minute Alarm Register (RMINAR)...................................................................... 651
15.3.11 Hour Alarm Register (RHRAR) ........................................................................... 652
15.3.12 Day of Week Alarm Register (RWKAR) ............................................................. 653
15.3.13 Date Alarm Register (RDAYAR)......................................................................... 654
15.3.14 Month Alarm Register (RMONAR) ..................................................................... 655
15.3.15 Year Alarm Register (RYRAR)............................................................................ 656
15.3.16 RTC Control Register 1 (RCR1)........................................................................... 657
15.3.17 RTC Control Register 2 (RCR2)........................................................................... 659
15.3.18 RTC Control Register 3 (RCR3)........................................................................... 661
15.4
Operation ........................................................................................................................... 662
15.4.1 Initial Settings of Registers after Power-On ......................................................... 662
15.4.2 Setting Time ......................................................................................................... 662
15.4.3 Reading Time........................................................................................................ 663
15.4.4 Alarm Function..................................................................................................... 664
15.5
Usage Notes ....................................................................................................................... 665
15.5.1 Register Writing during RTC Count..................................................................... 665
15.5.2 Use of Realtime Clock (RTC) Periodic Interrupts................................................ 665
15.5.3 Transition to Standby Mode after Setting Register............................................... 666
15.5.4 Crystal Oscillator Circuit for RTC........................................................................ 666
15.5.5 Procedure for Setting the 30-Second Adjustment Function.................................. 667
Section 16 Serial Communication Interface with FIFO (SCIF)........................ 669
16.1
Features.............................................................................................................................. 669
16.2
Input/Output Pins...............................................................................................................671
16.3
Register Descriptions ......................................................................................................... 671
16.3.1 Receive Shift Register (SCRSR) .......................................................................... 675
16.3.2 Receive FIFO Data Register (SCFRDR) .............................................................. 675
16.3.3 Transmit Shift Register (SCTSR) ......................................................................... 676
16.3.4 Transmit FIFO Data Register (SCFTDR)............................................................. 676
16.3.5 Serial Mode Register (SCSMR)............................................................................ 677
16.3.6 Serial Control Register (SCSCR).......................................................................... 680
16.3.7 Serial Status Register (SCFSR) ............................................................................ 684
16.3.8 Bit Rate Register (SCBRR) .................................................................................. 692
16.3.9 FIFO Control Register (SCFCR) .......................................................................... 700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com