Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7261 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 104Page - Renesas Technology Corp SH7261 Datasheet HTML 105Page - Renesas Technology Corp SH7261 Datasheet HTML 106Page - Renesas Technology Corp SH7261 Datasheet HTML 107Page - Renesas Technology Corp SH7261 Datasheet HTML 108Page - Renesas Technology Corp SH7261 Datasheet HTML 109Page - Renesas Technology Corp SH7261 Datasheet HTML 110Page - Renesas Technology Corp SH7261 Datasheet HTML 111Page - Renesas Technology Corp SH7261 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 1348 page
background image
Section 3 Floating-Point Unit (FPU)
Rev. 2.00 Sep. 07, 2007 Page 76 of 1312
REJ09B0320-0200
These possibilities are shown in the individual instruction descriptions. All exception events that
originate in the FPU are assigned as the same exception event. The meaning of an exception is
determined by software by reading from FPSCR and interpreting the information it contains. If no
bits are set in the FPU exception cause field of FPSCR when one or more of bits O, U, I, and V are
set in the FPU exception enable field, this indicates that an actual exception source is not
generated. Also, the destination register is not changed by any FPU exception handling operation.
Except for the above, the FPU disables exception handling. In every processing, the bit
corresponding to source V, Z, O, U, or I is set to 1, and a default value is generated as the
operation result.
• Invalid operation (V): qNaN is generated as the result.
• Division by zero (Z): Infinity with the same sign as the unrounded value is generated.
• Overflow (O):
When rounding mode = RZ, the maximum normalized number, with the same sign as the
unrounded value, is generated.
When rounding mode = RN, infinity with the same sign as the unrounded value is generated.
• Underflow (U):
Zero with the same sign as the unrounded value is generated.
• Inexact exception (I): An inexact result is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com