Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417LDY Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG417LDY
Description  Precision Monolithic Low-Voltage CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417LDY Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG417LDY Datasheet HTML 3Page - Vishay Siliconix DG417LDY Datasheet HTML 4Page - Vishay Siliconix DG417LDY Datasheet HTML 5Page - Vishay Siliconix DG417LDY Datasheet HTML 6Page - Vishay Siliconix DG417LDY Datasheet HTML 7Page - Vishay Siliconix DG417LDY Datasheet HTML 8Page - Vishay Siliconix DG417LDY Datasheet HTML 9Page - Vishay Siliconix DG417LDY Datasheet HTML 10Page - Vishay Siliconix DG417LDY Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.vishay.com
8
Document Number: 71763
S-71009–Rev. E, 14-May-07
Vishay Siliconix
DG417L/418L/419L
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
TEST CIRCUITS
Figure 1.
Level
Shift/
Drive
VIN
VL
S
V+
GND
V-
D
V-
V+
Figure 2. Switching Time
Logic
Input
Switch
Output
50 %
0 V
tr < 5 ns
tf < 5 ns
90 %
tOFF
tON
VOUT
Note:
Logic input waveform is inverted for switches that
have the opposite logic sense control
CL (includes fixture and stray capacitance)
V+
IN
RL
RL + rON
VOUT = VIN
NO or NC
COM
V-
VOUT
GND
VL
CL
35 pF
V-
RL
300
Ω
VL
V+
VIN
Switch
Input
Switch
Output
VINH
VINL
0.9 x VOUT
Figure 3. Break-Before-Make (DG419L)
CL (includes fixture and stray capacitance)
NC
VNO
NO
VNC
0 V
Logic
Input
Switch
Output
VO
VNC = VNO
tr < 5 ns
tf < 5 ns
90 %
tD
tD
IN
COM
V+
GND
V+
CL
35 pF
VO
RL
300
Ω
VINH
VINL
VL
VL
V-
V-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com