Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417LDY Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG417LDY
Description  Precision Monolithic Low-Voltage CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417LDY Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG417LDY Datasheet HTML 3Page - Vishay Siliconix DG417LDY Datasheet HTML 4Page - Vishay Siliconix DG417LDY Datasheet HTML 5Page - Vishay Siliconix DG417LDY Datasheet HTML 6Page - Vishay Siliconix DG417LDY Datasheet HTML 7Page - Vishay Siliconix DG417LDY Datasheet HTML 8Page - Vishay Siliconix DG417LDY Datasheet HTML 9Page - Vishay Siliconix DG417LDY Datasheet HTML 10Page - Vishay Siliconix DG417LDY Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.vishay.com
10
Document Number: 71763
S-71009–Rev. E, 14-May-07
Vishay Siliconix
DG417L/418L/419L
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Tech-
nology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability
data, see http://www.vishay.com/ppg?71763.
Figure 7. Off Isolation
RL
50
Ω
COM
0 V, 2.4 V
Rg = 50 Ω
GND
V-
C
Off Isolation = 20 log
VCOM
VNO/NC
IN
C
NO or NC
C
C = RF Bypass
V-
V+
VL
Figure 8. Source/Drain Capacitances
NO or NC
IN
COM
VL
V+
GND
V -
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
CC
V-
f = 1 MHz
V+
VL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com