Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417LDY Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG417LDY
Description  Precision Monolithic Low-Voltage CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417LDY Datasheet(HTML) 4 Page - Vishay Siliconix

  DG417LDY Datasheet HTML 1Page - Vishay Siliconix DG417LDY Datasheet HTML 2Page - Vishay Siliconix DG417LDY Datasheet HTML 3Page - Vishay Siliconix DG417LDY Datasheet HTML 4Page - Vishay Siliconix DG417LDY Datasheet HTML 5Page - Vishay Siliconix DG417LDY Datasheet HTML 6Page - Vishay Siliconix DG417LDY Datasheet HTML 7Page - Vishay Siliconix DG417LDY Datasheet HTML 8Page - Vishay Siliconix DG417LDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number: 71763
S-71009–Rev. E, 14-May-07
Vishay Siliconix
DG417L/418L/419L
SPECIFICATIONS (SINGLE SUPPLY 5 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 5 V, V- = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Tempb
Typc
A Suffix Limits
- 55 to 125 °C
D Suffix Limits
- 40 to 85 °C
Unit
Mind
Maxd
Mind
Maxd
Analog Switch
Analog Signal Rangee
VANALOG
Full
5
5
V
On-Resistancee
rON
V+ = 4.5 V, INO, INC = 5 mA
VCOM = 1 V, 3.5 V
Room
Full
26
36.5
50
36.5
40.5
Ω
Dynamic Characteristics
Turn-On Timee
tON
RL = 300 Ω, CL = 35 pF
VNO, VNC = 3.5 V, See Figure 2
Room
Full
37
49
60
49
54
ns
Turn-Off Timee
tOFF
Room
Full
16
31
35
31
32
Break-Before-Make Time
Delaye
tD
DG419L Only, VNO, VNC = 3.5 V
RL = 300 Ω, CL = 35 pF
Room
19
Charge Injectione
QINJ
Vg = 0 V, Rg = 0 Ω, CL = 1 nF
Room
0.4
pC
Power Supplies
Positive Supply Currente
I+
VIN = 0 or VL
Room
Full
0.02
1
7.5
1
5
µA
Negative Supply Currente
I-
Room
Full
- 0.002
- 1
- 7.5
- 1
- 5
Logic Supply Currente
IL
Room
Full
0.002
1
7.5
1
5
Ground Currente
IGND
Room
Full
- 0.002
- 1
- 7.5
- 1
- 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com