Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417LDY Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG417LDY
Description  Precision Monolithic Low-Voltage CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417LDY Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG417LDY Datasheet HTML 3Page - Vishay Siliconix DG417LDY Datasheet HTML 4Page - Vishay Siliconix DG417LDY Datasheet HTML 5Page - Vishay Siliconix DG417LDY Datasheet HTML 6Page - Vishay Siliconix DG417LDY Datasheet HTML 7Page - Vishay Siliconix DG417LDY Datasheet HTML 8Page - Vishay Siliconix DG417LDY Datasheet HTML 9Page - Vishay Siliconix DG417LDY Datasheet HTML 10Page - Vishay Siliconix DG417LDY Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Document Number: 71763
S-71009–Rev. E, 14-May-07
www.vishay.com
9
Vishay Siliconix
DG417L/418L/419L
TEST CIRCUITS
Figure 4. Transition Time (DG419L)
CL (includes fixture and stray capacitance)
VL
RL
RL + rON
VO = VS
V-
V+
IN
CL
35 pF
RL
300
Ω
VO
VS2
VS1
V-
GND
+ 15 V
+ 5 V
50 %
Logic
Input
Switch
Output
VS1
tr < 5 ns
tf < 5 ns
10 %
tTRANS
90 %
V01
VS2
V02
tTRANS
NO or NC
COM
NC or NO
VINH
VINL
Figure 5. Charge Injection
CL
1 nF
Rg
VO
V+
COM
V-
IN
VL
Vg
GND
OFF
ON
OFF
VO
ΔVO
IN
IN dependent on switch configuration Input polarity determined
by sense of switch.
V-
V+
VL
VIN = 0 - V+
Q =
ΔVO x CL
NO or NC
Figure 6. Crosstalk (DG419L)
NO or NC
XTALK Isolation = 20 log
VOUT
VIN
C = RF bypass
COM
VS
0 V or 2.4 V
IN
50
Ω
Rg = 50 Ω
VL
V +
GND
V -
C
CC
V +
V-
VL
VIN
NC or NO
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com