Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417LDY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG417LDY
Description  Precision Monolithic Low-Voltage CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417LDY Datasheet(HTML) 1 Page - Vishay Siliconix

  DG417LDY Datasheet HTML 1Page - Vishay Siliconix DG417LDY Datasheet HTML 2Page - Vishay Siliconix DG417LDY Datasheet HTML 3Page - Vishay Siliconix DG417LDY Datasheet HTML 4Page - Vishay Siliconix DG417LDY Datasheet HTML 5Page - Vishay Siliconix DG417LDY Datasheet HTML 6Page - Vishay Siliconix DG417LDY Datasheet HTML 7Page - Vishay Siliconix DG417LDY Datasheet HTML 8Page - Vishay Siliconix DG417LDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
DG417L/418L/419L
Document Number: 71763
S-71009–Rev. E, 14-May-07
www.vishay.com
1
Precision Monolithic Low-Voltage CMOS Analog Switches
FEATURES
•
2.7- thru 12 V Single Supply or
± 3- thru ± 6 Dual Supply
•
On-Resistance - rON: 14 Ω
•
Fast Switching - tON: 28 ns
- tOFF: 13 ns
•
TTL, CMOS Compatible
•
Low Leakage: < 100 pA
APPLICATIONS
•
Precision Automatic Test Equipment
•
Precision Data Acquisition
•
Communication Systems
•
Battery Powered Systems
•
Computer Peripherals
•SDSL, DSLAM
•
Audio and Video Signal Routing
DESCRIPTION
The
DG417L/418L/419L
are
low
voltage
pin-for-pin
compatible companion devices to the industry standard
DG417/418/419 with improved performance.
Using BiCMOS wafer fabrication technology allows the
DG417L/418L/419L to operate on single and dual supplies.
Single supply voltage ranges from 3 to 12 V while dual
supply operation is recommended with ± 3 to ± 6 V.
Combining high speed (tON: 28 ns), flat rON over the analog
signal range (6
Ω), minimal insertion lose (up to 100 MHz),
and excellent crosstalk and off-isolation performance (- 70 dB
at 1 MHz), the DG417L/418L/419L are ideally suited for audio
and video signal switching.
The DG417L and DG418L respond to opposite control logic
as shown in the Truth Table. The DG419L has an SPDT
configuration.
BENEFITS
•
Widest Dynamic Range
•
Low Signal Errors and Distortion
•
Break-Before-Make Switching Action
•
Simple Interfacing
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
* Pb containing terminations are not RoHS compliant, exemptions may apply
TRUTH TABLE
Logic
DG417L
DG418L
0ON
OFF
1OFF
ON
ORDERING INFORMATION DG417L/418L
Temp Range
Package
Part Number
8-Pin Narrow SOIC
DG417LDY
DG417LDY-E3
DG417LDY-T1
DG417LDY-T1-E3
DG418LDY
DG418LDY-E3
DG418LDY-T1
DG418LDY-T1-E3
8-Pin MSOP
DG417LDQ-T1-E3
DG418LDQ-T1-E3
1
Dual-In-Line, MSOP-8 and SOIC-8
NC/NO
COM
*V-
GND
IN
V+
VL
2
3
4
8
7
6
5
Top View
DG417L/DG418L
*Not Connected
TRUTH TABLE - DG419L
Logic
NC
NO
0ON
OFF
1OFF
ON
ORDERING INFORMATION DG419L
Temp Range
Package
Part Number
- 40 to 85 °C
8-Pin Narrow SOIC
DG419LDY
DG419LDY-E3
DG419LDY-T1
DG419LDY-T1-E3
8-Pin MSOP
DG419LDQ-T1-E3
1
Dual-In-Line, MSOP-8 and SOIC-8
COM
NO
NC
V -
GND
IN
V+
VL
2
3
4
8
7
6
5
Top View
DG419L
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - DG417LDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417LDY VISHAY-DG417LDY Datasheet
306Kb / 15P
Precision Monolithic Low-Voltage CMOS Analog Switches
25-Apr-11
logo
Maxim Integrated Produc...
DG417LDY MAXIM-DG417LDY Datasheet
325Kb / 13P
35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
19-2170; Rev 0; 10/01
logo
Vishay Siliconix
DG417LDY VISHAY-DG417LDY Datasheet
265Kb / 14P
Precision Monolithic Low-Voltage CMOS Analog Switches
19-Aug-13
DG417LDY-E3 VISHAY-DG417LDY-E3 Datasheet
306Kb / 15P
Precision Monolithic Low-Voltage CMOS Analog Switches
25-Apr-11
DG417LDY-E3 VISHAY-DG417LDY-E3 Datasheet
265Kb / 14P
Precision Monolithic Low-Voltage CMOS Analog Switches
19-Aug-13
More results

Similar Description - DG417LDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
26-Aug-02
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
25-Jun-07
DG441L VISHAY-DG441L Datasheet
115Kb / 10P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
17-Mar-03
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
29-Sep-08
DG411L VISHAY-DG411L_11 Datasheet
180Kb / 14P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
07-Feb-11
DG417L VISHAY-DG417L_11 Datasheet
306Kb / 15P
Precision Monolithic Low-Voltage CMOS Analog Switches
25-Apr-11
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
30-May-11
DG417L VISHAY-DG417L_V01 Datasheet
265Kb / 14P
Precision Monolithic Low-Voltage CMOS Analog Switches
19-Aug-13
DG441L VISHAY-DG441L_V01 Datasheet
263Kb / 15P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
30-May-11
DG411L VISHAY-DG411L_V01 Datasheet
240Kb / 15P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
07-Feb-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com