Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 666 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 666 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 662Page - Renesas Technology Corp H8SX1663 Datasheet HTML 663Page - Renesas Technology Corp H8SX1663 Datasheet HTML 664Page - Renesas Technology Corp H8SX1663 Datasheet HTML 665Page - Renesas Technology Corp H8SX1663 Datasheet HTML 666Page - Renesas Technology Corp H8SX1663 Datasheet HTML 667Page - Renesas Technology Corp H8SX1663 Datasheet HTML 668Page - Renesas Technology Corp H8SX1663 Datasheet HTML 669Page - Renesas Technology Corp H8SX1663 Datasheet HTML 670Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 666 / 1158 page
background image
Section 12 8-Bit Timers (TMR)
Rev.1.00 Jun. 07, 2006 Page 614 of 1102
REJ09B0294-0100
12.3.3
Time Constant Register B (TCORB)
TCORB is an 8-bit readable/writable register. TCORB_0 and TCORB_1 comprise a single 16-bit
register so they can be accessed together by a word transfer instruction. TCORB is continually
compared with the value in TCNT. When a match is detected, the corresponding CMFB flag in
TCSR is set to 1. Note however that comparison is disabled during the T2 state of a TCORB write
cycle. The timer output from the TMO pin can be freely controlled by this compare match signal
(compare match B) and the settings of bits OS3 and OS2 in TCSR. TCORB is initialized to H'FF.
7
1
R/W
6
1
R/W
5
1
R/W
4
1
R/W
3
1
R/W
2
1
R/W
1
1
R/W
0
1
R/W
7
1
R/W
6
1
R/W
5
1
R/W
4
1
R/W
3
1
R/W
2
1
R/W
1
1
R/W
0
1
R/W
TCORB_0
TCORB_1
Bit
Bit Name
Initial Value
R/W
12.3.4
Timer Control Register (TCR)
TCR selects the TCNT clock source and the condition for clearing TCNT, and enables/disables
interrupt requests.
7
CMIEB
0
R/W
6
CMIEA
0
R/W
5
OVIE
0
R/W
4
CCLR1
0
R/W
3
CCLR0
0
R/W
2
CKS2
0
R/W
1
CKS1
0
R/W
0
CKS0
0
R/W
Bit
Bit Name
Initial Value
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
CMIEB
0
R/W
Compare Match Interrupt Enable B
Selects whether CMFB interrupt requests (CMIB) are
enabled or disabled when the CMFB flag in TCSR is set
to 1. *
2
0: CMFB interrupt requests (CMIB) are disabled
1: CMFB interrupt requests (CMIB) are enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com