Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 670 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 670 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 666Page - Renesas Technology Corp H8SX1663 Datasheet HTML 667Page - Renesas Technology Corp H8SX1663 Datasheet HTML 668Page - Renesas Technology Corp H8SX1663 Datasheet HTML 669Page - Renesas Technology Corp H8SX1663 Datasheet HTML 670Page - Renesas Technology Corp H8SX1663 Datasheet HTML 671Page - Renesas Technology Corp H8SX1663 Datasheet HTML 672Page - Renesas Technology Corp H8SX1663 Datasheet HTML 673Page - Renesas Technology Corp H8SX1663 Datasheet HTML 674Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 670 / 1158 page
background image
Section 12 8-Bit Timers (TMR)
Rev.1.00 Jun. 07, 2006 Page 618 of 1102
REJ09B0294-0100
Table 12.3
Clock Input to TCNT and Count Condition (Units 2 and 3)
TCR
TCCR
Channel
Bit 2
CKS2
Bit 1
CKS1
Bit 0
CKS0
Bit 1
ICKS1
Bit 0
ICKS0 Description
TMR_4
0
0
0
Clock input prohibited
0
0
1
0
0
Uses internal clock. Counts at rising edge of P
φ/8.
0
1
Uses internal clock. Counts at rising edge of P
φ/2.
1
0
Uses internal clock. Counts at falling edge of P
φ/8.
1
1
Uses internal clock. Counts at falling edge of P
φ/2.
0
1
0
0
0
Uses internal clock. Counts at rising edge of P
φ/64.
0
1
Uses internal clock. Counts at rising edge of P
φ/32.
1
0
Uses internal clock. Counts at falling edge of P
φ/64.
1
1
Uses internal clock. Counts at falling edge of P
φ/32.
0
1
1
0
0
Uses internal clock. Counts at rising edge of P
φ/8192.
0
1
Uses internal clock. Counts at rising edge of P
φ/1024.
1
0
Uses internal clock. Counts at rising edge of P
φ.
1
1
Uses internal clock. Counts at falling edge of P
φ/1024.
1
0
0
Counts at TCNT_1 overflow signal*.
TMR_5
0
0
0
Clock input prohibited
0
0
1
0
0
Uses internal clock. Counts at rising edge of P
φ/8.
0
1
Uses internal clock. Counts at rising edge of P
φ/2.
1
0
Uses internal clock. Counts at falling edge of P
φ/8.
1
1
Uses internal clock. Counts at falling edge of P
φ/2.
0
1
0
0
0
Uses internal clock. Counts at rising edge of P
φ/64.
0
1
Uses internal clock. Counts at rising edge of P
φ/32.
1
0
Uses internal clock. Counts at falling edge of P
φ/64.
1
1
Uses internal clock. Counts at falling edge of P
φ/32.
0
1
1
0
0
Uses internal clock. Counts at rising edge of P
φ/8192.
0
1
Uses internal clock. Counts at rising edge of P
φ/1024.
1
0
Uses internal clock. Counts at rising edge of P
φ.
1
1
Uses internal clock. Counts at falling edge of P
φ/1024.
1
0
0
Counts at TCNT_0 compare match A*.
All
1
0
1
Setting prohibited
1
1
0
Setting prohibited
1
1
1
Setting prohibited
Note:
*
If the clock input of channel 4 is the TCNT_1 overflow signal and that of channel 5 is the
TCNT_0 compare match signal, no incrementing clock is generated. Do not use this
setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com