Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 671 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 671 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 667Page - Renesas Technology Corp H8SX1663 Datasheet HTML 668Page - Renesas Technology Corp H8SX1663 Datasheet HTML 669Page - Renesas Technology Corp H8SX1663 Datasheet HTML 670Page - Renesas Technology Corp H8SX1663 Datasheet HTML 671Page - Renesas Technology Corp H8SX1663 Datasheet HTML 672Page - Renesas Technology Corp H8SX1663 Datasheet HTML 673Page - Renesas Technology Corp H8SX1663 Datasheet HTML 674Page - Renesas Technology Corp H8SX1663 Datasheet HTML 675Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 671 / 1158 page
background image
Section 12 8-Bit Timers (TMR)
Rev.1.00 Jun. 07, 2006 Page 619 of 1102
REJ09B0294-0100
12.3.6
Timer Control/Status Register (TCSR)
TCSR displays status flags, and controls compare match output.
• TCSR_0
• TCSR_1
7
CMFB
0
R/(W)*
6
CMFA
0
R/(W)*
5
OVF
0
R/(W)*
4
ADTE
0
R/W
3
OS3
0
R/W
2
OS2
0
R/W
1
OS1
0
R/W
0
OS0
0
R/W
7
CMFB
0
R/(W)*
6
CMFA
0
R/(W)*
5
OVF
0
R/(W)*
4
1
R
3
OS3
0
R/W
2
OS2
0
R/W
1
OS1
0
R/W
0
OS0
0
R/W
Bit
Bit Name
Initial Value
R/W
Bit
Bit Name
Initial Value
R/W
Note: * Only 0 can be written to this bit, to clear the flag.
• TCSR_0
Bit
Bit Name
Initial
Value
R/W
Description
7
CMFB
0
R/(W)*
1
Compare Match Flag B
[Setting condition]
• When TCNT matches TCORB
[Clearing conditions]
• When writing 0 after reading CMFB = 1
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure
to read the flag after writing 0 to it.)
• When the DTC is activated by a CMIB interrupt while
the DISEL bit in MRB of the DTC is 0
*3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com