Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 669 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 669 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 665Page - Renesas Technology Corp H8SX1663 Datasheet HTML 666Page - Renesas Technology Corp H8SX1663 Datasheet HTML 667Page - Renesas Technology Corp H8SX1663 Datasheet HTML 668Page - Renesas Technology Corp H8SX1663 Datasheet HTML 669Page - Renesas Technology Corp H8SX1663 Datasheet HTML 670Page - Renesas Technology Corp H8SX1663 Datasheet HTML 671Page - Renesas Technology Corp H8SX1663 Datasheet HTML 672Page - Renesas Technology Corp H8SX1663 Datasheet HTML 673Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 669 / 1158 page
background image
Section 12 8-Bit Timers (TMR)
Rev.1.00 Jun. 07, 2006 Page 617 of 1102
REJ09B0294-0100
Table 12.2
Clock Input to TCNT and Count Condition (Units 0 and 1)
TCR
TCCR
Channel
Bit 2
CKS2
Bit 1
CKS1
Bit 0
CKS0
Bit 1
ICKS1
Bit 0
ICKS0 Description
TMR_0
0
0
0
Clock input prohibited
0
0
1
0
0
Uses internal clock. Counts at rising edge of P
φ/8.
0
1
Uses internal clock. Counts at rising edge of P
φ/2.
1
0
Uses internal clock. Counts at falling edge of P
φ/8.
1
1
Uses internal clock. Counts at falling edge of P
φ/2.
0
1
0
0
0
Uses internal clock. Counts at rising edge of P
φ/64.
0
1
Uses internal clock. Counts at rising edge of P
φ/32.
1
0
Uses internal clock. Counts at falling edge of P
φ/64.
1
1
Uses internal clock. Counts at falling edge of P
φ/32.
0
1
1
0
0
Uses internal clock. Counts at rising edge of P
φ/8192.
0
1
Uses internal clock. Counts at rising edge of P
φ/1024.
1
0
Uses internal clock. Counts at falling edge of P
φ/8192.
1
1
Uses internal clock. Counts at falling edge of P
φ/1024.
1
0
0
Counts at TCNT_1 overflow signal*
1.
TMR_1
0
0
0
Clock input prohibited
0
0
1
0
0
Uses internal clock. Counts at rising edge of P
φ/8.
0
1
Uses internal clock. Counts at rising edge of P
φ/2.
1
0
Uses internal clock. Counts at falling edge of P
φ/8.
1
1
Uses internal clock. Counts at falling edge of P
φ/2.
0
1
0
0
0
Uses internal clock. Counts at rising edge of P
φ/64.
0
1
Uses internal clock. Counts at rising edge of P
φ/32.
1
0
Uses internal clock. Counts at falling edge of P
φ/64.
1
1
Uses internal clock. Counts at falling edge of P
φ/32.
0
1
1
0
0
Uses internal clock. Counts at rising edge of P
φ/8192.
0
1
Uses internal clock. Counts at rising edge of P
φ/1024.
1
0
Uses internal clock. Counts at falling edge of P
φ/8192.
1
1
Uses internal clock. Counts at falling edge of P
φ/1024.
1
0
0
Counts at TCNT_0 compare match A*
1.
All
1
0
1
Uses external clock. Counts at rising edge*
2.
1
1
0
Uses external clock. Counts at falling edge*
2.
1
1
1
Uses external clock. Counts at both rising and falling
edges*
2.
Notes: 1. If the clock input of channel 0 is the TCNT_1 overflow signal and that of channel 1 is the
TCNT_0 compare match signal, no incrementing clock is generated. Do not use this
setting.
2. To use the external clock, the DDR and ICR bits in the corresponding pin should be set
to 0 and 1, respectively. For details, see section 9, I/O Ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com