Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 985 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 985 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 981Page - Renesas Technology Corp H8SX1663 Datasheet HTML 982Page - Renesas Technology Corp H8SX1663 Datasheet HTML 983Page - Renesas Technology Corp H8SX1663 Datasheet HTML 984Page - Renesas Technology Corp H8SX1663 Datasheet HTML 985Page - Renesas Technology Corp H8SX1663 Datasheet HTML 986Page - Renesas Technology Corp H8SX1663 Datasheet HTML 987Page - Renesas Technology Corp H8SX1663 Datasheet HTML 988Page - Renesas Technology Corp H8SX1663 Datasheet HTML 989Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 985 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 933 of 1102
REJ09B0294-0100
5. Memory read response
This response consists of four bytes of data.
Command or response
Size
Data
Checksum
Error response
Error code
Command or response
Error response
n-byte Command or
n-byte response
One-byte command
or one-byte response
Address
Command
Data (n bytes)
Checksum
128-byte programming
Size
Response
Data
Checksum
Memory read
response
Figure 21.22 Communication Protocol Format
• Command (one byte): Commands including inquiries, selection, programming, erasing, and
checking
• Response (one byte): Response to an inquiry
• Size (one byte): The amount of data for transmission excluding the command, amount of data,
and checksum
• Checksum (one byte): The checksum is calculated so that the total of all values from the
command byte to the SUM byte becomes H'00.
• Data (n bytes): Detailed data of a command or response
• Error response (one byte): Error response to a command
• Error code (one byte): Type of the error
• Address (four bytes): Address for programming
• Data (n bytes): Data to be programmed (the size is indicated in the response to the
programming unit inquiry.)
• Size (four bytes): Four-byte response to a memory read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com