Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 987 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 987 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 983Page - Renesas Technology Corp H8SX1663 Datasheet HTML 984Page - Renesas Technology Corp H8SX1663 Datasheet HTML 985Page - Renesas Technology Corp H8SX1663 Datasheet HTML 986Page - Renesas Technology Corp H8SX1663 Datasheet HTML 987Page - Renesas Technology Corp H8SX1663 Datasheet HTML 988Page - Renesas Technology Corp H8SX1663 Datasheet HTML 989Page - Renesas Technology Corp H8SX1663 Datasheet HTML 990Page - Renesas Technology Corp H8SX1663 Datasheet HTML 991Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 987 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 935 of 1102
REJ09B0294-0100
The selection commands, which are device selection (H'10), clock mode selection (H'11), and new
bit rate selection (H'3F), should be sent from the host in that order. When two or more selection
commands are sent at once, the last command will be valid.
All of these commands, except for the boot program status inquiry command (H'4F), will be valid
until the boot program receives the programming/erasing transition (H'40). The host can choose
the needed commands and make inquiries while the above commands are being transmitted. H'4F
is valid even after the boot program has received H'40.
(a) Supported Device Inquiry
The boot program will return the device codes of supported devices and the product code in
response to the supported device inquiry.
Command
H'20
• Command, H'20, (one byte): Inquiry regarding supported devices
Response
H'30
Size
Number of devices
Number of
characters
Device code
Product name
···
SUM
• Response, H'30, (one byte): Response to the supported device inquiry
• Size (one byte): Number of bytes to be transmitted, excluding the command, size, and
checksum, that is, the amount of data contributes by the number of devices, characters, device
codes and product names
• Number of devices (one byte): The number of device types supported by the boot program
• Number of characters (one byte): The number of characters in the device codes and boot
program's name
• Device code (four bytes): ASCII code of the supporting product
• Product name (n bytes): Type name of the boot program in ASCII-coded characters
• SUM (one byte): Checksum
The checksum is calculated so that the total number of all values from the command byte to
the SUM byte becomes H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com