Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 986 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 986 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 982Page - Renesas Technology Corp H8SX1663 Datasheet HTML 983Page - Renesas Technology Corp H8SX1663 Datasheet HTML 984Page - Renesas Technology Corp H8SX1663 Datasheet HTML 985Page - Renesas Technology Corp H8SX1663 Datasheet HTML 986Page - Renesas Technology Corp H8SX1663 Datasheet HTML 987Page - Renesas Technology Corp H8SX1663 Datasheet HTML 988Page - Renesas Technology Corp H8SX1663 Datasheet HTML 989Page - Renesas Technology Corp H8SX1663 Datasheet HTML 990Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 986 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 934 of 1102
REJ09B0294-0100
(3) Inquiry and Selection States
The boot program returns information from the flash memory in response to the host's inquiry
commands and sets the device code, clock mode, and bit rate in response to the host's selection
command.
Table 21.14 lists the inquiry and selection commands.
Table 21.14 Inquiry and Selection Commands
Command
Command Name
Description
H'20
Supported device inquiry
Inquiry regarding device codes
H'10
Device selection
Selection of device code
H'21
Clock mode inquiry
Inquiry regarding numbers of clock modes and
values of each mode
H'11
Clock mode selection
Indication of the selected clock mode
H'22
Multiplication ratio inquiry
Inquiry regarding the number of frequency-
multiplied clock types, the number of multiplication
ratios, and the values of each multiple
H'23
Operating clock frequency
inquiry
Inquiry regarding the maximum and minimum
values of the main clock and peripheral clocks
H'25
User MAT information inquiry
Inquiry regarding the a number of user MATs and
the start and last addresses of each MAT
H'26
Block for erasing information
Inquiry
Inquiry regarding the number of blocks and the start
and last addresses of each block
H'27
Programming unit inquiry
Inquiry regarding the unit of program data
H'3F
New bit rate selection
Selection of new bit rate
H'40
Transition to
programming/erasing state
Erasing of user MAT, and entry to programming/
erasing state
H'4F
Boot program status inquiry
Inquiry into the operated status of the boot program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com