Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 326Page - Renesas Technology Corp H8S/2426 Datasheet HTML 327Page - Renesas Technology Corp H8S/2426 Datasheet HTML 328Page - Renesas Technology Corp H8S/2426 Datasheet HTML 329Page - Renesas Technology Corp H8S/2426 Datasheet HTML 330Page - Renesas Technology Corp H8S/2426 Datasheet HTML 331Page - Renesas Technology Corp H8S/2426 Datasheet HTML 332Page - Renesas Technology Corp H8S/2426 Datasheet HTML 333Page - Renesas Technology Corp H8S/2426 Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 302 of 1270
REJ09B0466-0100
6.13
Bus Arbitration
This LSI has a bus arbiter that arbitrates bus mastership operations (bus arbitration).
There are four bus masters
the CPU, DTC, DMAC, and EXDMAC*that perform read/write
operations when they have possession of the bus. Each bus master requests the bus by means of a
bus request signal. The bus arbiter determines priorities at the prescribed timing, and permits use
of the bus by means of a bus request acknowledge signal. The selected bus master then takes
possession of the bus and begins its operation.
Note: * The EXDMAC is not supported by the H8S/2424 Group.
6.13.1
Operation
The bus arbiter detects the bus masters’ bus request signals, and if the bus is requested, sends a
bus request acknowledge signal to the bus master. If there are bus requests from more than one
bus master, the bus request acknowledge signal is sent to the one with the highest priority. When a
bus master receives the bus request acknowledge signal, it takes possession of the bus until that
signal is canceled.
The order of priority of the bus mastership is as follows:
(High) EXDMAC* > DMAC > DTC > CPU (Low)
An internal bus access by internal bus masters except the EXDMAC* and external bus release, a
refresh when the CBRM bit is 0, and an external bus access by the EXDMAC* can be executed in
parallel.
If an external bus release request, a refresh request, and an external access by an internal bus
master occur simultaneously, the order of priority is as follows:
(High) Refresh > EXDMAC* > External bus release (Low)
(High) External bus release > External access by internal bus master except EXDMAC* (Low)
As a refresh when the CBRM bit in REFCR is cleared to 0 and an external access other than to
DRAM space by an internal bus master can be executed simultaneously, there is no relative order
of priority for these two operations.
Note: * The EXDMAC is not supported by the H8S/2424 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com