Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 326 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 326 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 322Page - Renesas Technology Corp H8S/2426 Datasheet HTML 323Page - Renesas Technology Corp H8S/2426 Datasheet HTML 324Page - Renesas Technology Corp H8S/2426 Datasheet HTML 325Page - Renesas Technology Corp H8S/2426 Datasheet HTML 326Page - Renesas Technology Corp H8S/2426 Datasheet HTML 327Page - Renesas Technology Corp H8S/2426 Datasheet HTML 328Page - Renesas Technology Corp H8S/2426 Datasheet HTML 329Page - Renesas Technology Corp H8S/2426 Datasheet HTML 330Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 298 of 1270
REJ09B0466-0100
6.12
Bus Release
This LSI can release the external bus in response to a bus request from an external device. In the
external bus released state, internal bus masters except the EXDMAC* continue to operate as long
as there is no external access. If any of the following requests are issued in the external bus
released state, the
BREQO signal can be driven low to output a bus request externally.
• When an internal bus master wants to perform an external access
• When a refresh request is generated
• When a SLEEP instruction is executed to place the chip in software standby mode or all-
module-clocks-stopped mode
Note: * Not supported by the H8S/2424 Group.
6.12.1
Operation
In externally expanded mode, the bus can be released to an external device by setting the BRLE
bit to 1 in BCR. Driving the
BREQ pin low issues an external bus request to this LSI. When the
BREQ pin is sampled, at the prescribed timing the BACK pin is driven low, and the address bus,
data bus, and bus control signals are placed in the high-impedance state, establishing the external
bus released state.
In the external bus released state, internal bus masters except the EXDMAC can perform accesses
using the internal bus. When an internal bus master wants to make an external access, it
temporarily defers initiation of the bus cycle, and waits for the bus request from the external bus
master to be canceled. If a refresh request is generated in the external bus released state, or if a
SLEEP instruction is executed to place the chip in software standby mode or all-module-clocks-
stopped mode, refresh control and software standby or all-module-clocks-stopped control is
deferred until the bus request from the external bus master is canceled.
If the BREQOE bit is set to 1 in BCR, the
BREQO pin can be driven low when any of the
following requests are issued, to request cancellation of the bus request externally.
• When an internal bus master wants to perform an external access
• When a refresh request is generated
• When a SLEEP instruction is executed to place the chip in software standby mode or all-
module-clocks-stopped mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com