Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 325 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 325 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 321Page - Renesas Technology Corp H8S/2426 Datasheet HTML 322Page - Renesas Technology Corp H8S/2426 Datasheet HTML 323Page - Renesas Technology Corp H8S/2426 Datasheet HTML 324Page - Renesas Technology Corp H8S/2426 Datasheet HTML 325Page - Renesas Technology Corp H8S/2426 Datasheet HTML 326Page - Renesas Technology Corp H8S/2426 Datasheet HTML 327Page - Renesas Technology Corp H8S/2426 Datasheet HTML 328Page - Renesas Technology Corp H8S/2426 Datasheet HTML 329Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 297 of 1270
REJ09B0466-0100
6.11
Write Data Buffer Function
This LSI has a write data buffer function for the external data bus. Using the write data buffer
function enables external writes and DMA single address mode transfers to be executed in parallel
with internal accesses. The write data buffer function is made available by setting the WDBE bit
to 1 in BCR.
Figure 6.95 shows an example of the timing when the write data buffer function is used. When this
function is used, if an external address space write or DMA single address mode transfer continues
for two states or longer, and there is an internal access next, an external write only is executed in
the first state, but from the next state onward an internal access (on-chip memory or internal I/O
register read/write) is executed in parallel with the external address space write rather than waiting
until it ends.
T1
Internal address bus
A23 to A0
External write cycle
HWR, LWR
T2
TW
TW
T3
On-chip memory read
Internal I/O register read
Internal read signal
CSn
D15 to D0
External address
Internal memory
External space
write
Internal I/O register address
φ
Figure 6.95 Example of Timing when Write Data Buffer Function Is Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com