Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 429 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 429 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 425Page - Renesas Technology Corp H8S/2426 Datasheet HTML 426Page - Renesas Technology Corp H8S/2426 Datasheet HTML 427Page - Renesas Technology Corp H8S/2426 Datasheet HTML 428Page - Renesas Technology Corp H8S/2426 Datasheet HTML 429Page - Renesas Technology Corp H8S/2426 Datasheet HTML 430Page - Renesas Technology Corp H8S/2426 Datasheet HTML 431Page - Renesas Technology Corp H8S/2426 Datasheet HTML 432Page - Renesas Technology Corp H8S/2426 Datasheet HTML 433Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 401 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
10
AMS
0
R/W
Address Mode Select
Selects single address mode or dual address mode.
When single address mode is selected, the
EDACK
pin is valid.
0: Dual address mode
1: Single address mode
9
8
MDS1
MDS0
0
0
R/W
R/W
Mode Select 1 and 0
These bits specify the activation source, bus mode,
and transfer mode.
00: Auto request, cycle steal mode, normal transfer
mode
01: Auto request, burst mode, normal transfer
mode
10: External request, cycle steal mode, normal
transfer mode
11: External request, cycle steal mode, block
transfer mode
7
EDIE
0
R/W
EXDMA Interrupt Enable
Enables or disables interrupt requests. When this
bit is set to 1, an interrupt is requested when the
IRF bit is set to 1. The interrupt request is cleared
by clearing this bit or the IRF bit to 0.
0: Interrupt request is not generated
1: Interrupt request is generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com