Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 431 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 431 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 427Page - Renesas Technology Corp H8S/2426 Datasheet HTML 428Page - Renesas Technology Corp H8S/2426 Datasheet HTML 429Page - Renesas Technology Corp H8S/2426 Datasheet HTML 430Page - Renesas Technology Corp H8S/2426 Datasheet HTML 431Page - Renesas Technology Corp H8S/2426 Datasheet HTML 432Page - Renesas Technology Corp H8S/2426 Datasheet HTML 433Page - Renesas Technology Corp H8S/2426 Datasheet HTML 434Page - Renesas Technology Corp H8S/2426 Datasheet HTML 435Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 403 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
3
DTSIZE
0
R/W
Data Transmit Size
Specifies the size of data to be transferred.
0: Byte-size
1: Word-size
2
BGUP
0
R/W
Bus Give-Up
When this bit is set to 1, the bus can be transferred
to an internal bus master in burst mode or block
transfer mode. This setting is ignored in normal
mode and cycle steal mode.
0: Bus is not released
1: Bus is transferred if requested by an internal bus
master
1
0
—
—
0
0
R/W
R/W
Reserved
These bits are always read as 0. The initial values
should not be modified.
Note:
* Only 0 can be written, to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com