Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 484 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 484 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 480Page - Renesas Technology Corp H8S/2426 Datasheet HTML 481Page - Renesas Technology Corp H8S/2426 Datasheet HTML 482Page - Renesas Technology Corp H8S/2426 Datasheet HTML 483Page - Renesas Technology Corp H8S/2426 Datasheet HTML 484Page - Renesas Technology Corp H8S/2426 Datasheet HTML 485Page - Renesas Technology Corp H8S/2426 Datasheet HTML 486Page - Renesas Technology Corp H8S/2426 Datasheet HTML 487Page - Renesas Technology Corp H8S/2426 Datasheet HTML 488Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 484 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 456 of 1270
REJ09B0466-0100
8.5
Interrupt Sources
EXDMAC interrupt sources are a transfer end indicated by the transfer counter, and repeat area
overflow interrupts. Table 8.4 shows the interrupt sources and their priority order.
Table 8.4
Interrupt Sources and Priority Order
Interrupt
Interrupt source
Interrupt Priority
EXDMTEND2
Transfer end indicated by channel 2 transfer counter
Channel 2 source address repeat area overflow
Channel 2 destination address repeat area overflow
High
EXDMTEND3
Transfer end indicated by channel 3 transfer counter
Channel 3 source address repeat area overflow
Channel 3 destination address repeat area overflow
Low
Interrupt sources can be enabled or disabled by means of the EDIE bit in EDMDR for the relevant
channel, and can be sent to the interrupt controller independently. The relative priority order of the
channels is determined by the interrupt controller (see table 8.4).
Figure 8.45 shows the transfer end interrupt logic. A transfer end interrupt is generated whenever
the EDIE bit is set to 1 while the IRF bit is set to 1 in EDMDR.
Transfer end interrupt
IRF bit
EDIE bit
Figure 8.45 Transfer End Interrupt Logic
Interrupt source settings are made individually with the interrupt enable bits in the registers for the
relevant channels. The transfer counter’s transfer end interrupt is enabled or disabled by means of
the TCEIE bit in EDMDR, the source address register repeat area overflow interrupt by means of
the SARIE bit in EDACR, and the destination address register repeat area overflow interrupt by
means of the DARIE bit in EDACR. When an interrupt source occurs while the corresponding
interrupt enable bit is set to 1, the IRF bit in EDMDR is set to 1. The IRF bit is set by all interrupt
sources indiscriminately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com