Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 486 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 486 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 482Page - Renesas Technology Corp H8S/2426 Datasheet HTML 483Page - Renesas Technology Corp H8S/2426 Datasheet HTML 484Page - Renesas Technology Corp H8S/2426 Datasheet HTML 485Page - Renesas Technology Corp H8S/2426 Datasheet HTML 486Page - Renesas Technology Corp H8S/2426 Datasheet HTML 487Page - Renesas Technology Corp H8S/2426 Datasheet HTML 488Page - Renesas Technology Corp H8S/2426 Datasheet HTML 489Page - Renesas Technology Corp H8S/2426 Datasheet HTML 490Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 458 of 1270
REJ09B0466-0100
8.6
Usage Notes
(1)
EXDMAC Register Access during Operation
Except for clearing the EDA bit to 0 in EDMDR, settings should not be changed for a channel in
operation (including the transfer standby state). Transfer must be disabled before changing a
setting for an operational channel.
(2)
Module Stop State
When the MSTP14 bit is set to 1 in MSTPCRH, the EXDMAC clock stops and the EXDMAC
enters the module stop state. However, 1 cannot be written to the MSTP14 bit when any of the
EXDMAC’s channels is enabled for transfer, or when an interrupt is being requested. Before
setting the MSTP14 bit, first clear the EDA bit in EDMDR to 0, then clear the IRF or EDIE bit in
EDMDR to 0.
When the EXDMAC clock stops, EXDMAC registers can no longer be accessed. The following
EXDMAC register settings remain valid in the module stop state, and so should be changed, if
necessary, before making the module stop transition.
• ETENDE = 1 in EDMDR (ETEND pin enable)
• EDRAKE = 1 in EDMDR (EDRAK pin enable)
• AMS = 1 in EDMDR (EDACK pin enable)
(3)
EDREQ Pin Falling Edge Activation
Falling edge sensing on the
EDREQ pin is performed in synchronization with EXDMAC internal
operations, as indicated below.
[1] Activation request standby state: Waits for low level sensing on
EDREQ pin, then goes to [2].
[2] Transfer standby state: Waits for EXDMAC data transfer to become possible, then goes to [3].
[3] Activation request disabled state: Waits for high level sensing on
EDREQ pin, then goes to [1].
After EXDMAC transfer is enabled, the EXDMAC goes to state [1], so low level sensing is used
for the initial activation after transfer is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com