Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 489 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 489 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 485Page - Renesas Technology Corp H8S/2426 Datasheet HTML 486Page - Renesas Technology Corp H8S/2426 Datasheet HTML 487Page - Renesas Technology Corp H8S/2426 Datasheet HTML 488Page - Renesas Technology Corp H8S/2426 Datasheet HTML 489Page - Renesas Technology Corp H8S/2426 Datasheet HTML 490Page - Renesas Technology Corp H8S/2426 Datasheet HTML 491Page - Renesas Technology Corp H8S/2426 Datasheet HTML 492Page - Renesas Technology Corp H8S/2426 Datasheet HTML 493Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 1302 page
background image
Section 9 Data Transfer Controller (DTC)
Rev. 1.00 Sep. 19, 2008 Page 461 of 1270
REJ09B0466-0100
Section 9 Data Transfer Controller (DTC)
This LSI includes a data transfer controller (DTC). The DTC can be activated by an interrupt or
software, to transfer data.
Figure 9.1 shows a block diagram of the DTC.
9.1
Features
• Transfer possible over any number of channels
• Three transfer modes
1. Normal mode
One operation transfers one byte or one word of data.
Memory address is incremented or decremented by 1 or 2.
From 1 to 65,536 transfers can be specified.
2. Repeat mode
One operation transfers one byte or one word of data.
Memory address is incremented or decremented by 1 or 2.
Once the specified number of transfers (1 to 256) has ended, the initial state is restored, and
transfer is repeated.
3. Block transfer mode
One operation transfers one block of data.
The block size is 1 to 256 bytes or words.
From 1 to 65,536 transfers can be specified.
Either the transfer source or the transfer destination is designated as a block area.
• One activation source can trigger a number of data transfers (chain transfer)
• Direct specification of 16-Mbyte address space possible
• Activation by software is possible
• Transfer can be set in byte or word units
• A CPU interrupt can be requested for the interrupt that activated the DTC
• Module stop mode can be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com