Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 578 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 578 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 574Page - Renesas Technology Corp H8S/2426 Datasheet HTML 575Page - Renesas Technology Corp H8S/2426 Datasheet HTML 576Page - Renesas Technology Corp H8S/2426 Datasheet HTML 577Page - Renesas Technology Corp H8S/2426 Datasheet HTML 578Page - Renesas Technology Corp H8S/2426 Datasheet HTML 579Page - Renesas Technology Corp H8S/2426 Datasheet HTML 580Page - Renesas Technology Corp H8S/2426 Datasheet HTML 581Page - Renesas Technology Corp H8S/2426 Datasheet HTML 582Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 578 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 550 of 1270
REJ09B0466-0100
10.3.2
Port 3 Data Register (P3DR)
P3DR stores output data for the port 3 pins.
Bit
Bit Name
Initial Value
R/W
Description
7, 6
All 0
Reserved
These bits are always read as 0 and cannot be
modified.
5
P35DR
0
R/W
4
P34DR
0
R/W
3
P33DR
0
R/W
2
P32DR
0
R/W
1
P31DR
0
R/W
0
P30DR
0
R/W
Output data for a pin is stored when the pin function
is specified as a general purpose I/O.
10.3.3
Port 3 Register (PORT3)
PORT3 shows the pin states of port 3. PORT3 cannot be modified.
Bit
Bit Name
Initial Value
R/W
Description
7, 6
Undefined
Reserved
If these bits are read, they will return an undefined
value.
5
P35
*
R
4
P34
*
R
3
P33
*
R
2
P32
*
R
1
P31
*
R
0
P30
*
R
If this register is read while a P3DDR bit is set to 1,
the corresponding P3DR value is read. If this
register is read while a P3DDR bit is cleared to 0,
the corresponding pin state is read.
Note:
*
Determined by the states of pins P35 to P30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com