Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 581 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 581 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 577Page - Renesas Technology Corp H8S/2426 Datasheet HTML 578Page - Renesas Technology Corp H8S/2426 Datasheet HTML 579Page - Renesas Technology Corp H8S/2426 Datasheet HTML 580Page - Renesas Technology Corp H8S/2426 Datasheet HTML 581Page - Renesas Technology Corp H8S/2426 Datasheet HTML 582Page - Renesas Technology Corp H8S/2426 Datasheet HTML 583Page - Renesas Technology Corp H8S/2426 Datasheet HTML 584Page - Renesas Technology Corp H8S/2426 Datasheet HTML 585Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 581 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 553 of 1270
REJ09B0466-0100
• P34/SCK0/SCK4-A/SDA0
The pin function is switched as shown below according to the combination of bit ICE in
ICCRA_0 of the I
2C, bit C/
A in SMR_0 and bits CKE0 and CKE1 in SCR_0 and SCR_4 of the
SCI, and bit P34DDR.
ICE
0
1
CKE1
0
1
C/
A
0
1
CKE0
0
1
P34DDR
0
1
Pin function
P34
input
P34
output*
1
SCK0/SCK4-A
output*
1*3*4
SCK0/SCK4-A
output*
1*3*4
SCK0/SCK4-A
input*
4
SDA0
I/O*
2
Notes: 1. NMOS open-drain output when P34ODR = 1.
2. NMOS open-drain output regardless of P34ODR.
3. Simultaneous output of SCK0 and SCK4 cannot be set.
4. SCK4-A input/output when the SCK4S bit in PFCR4 is 0.
• P33/RxD1/SCL1
The pin function is switched as shown below according to the combination of bit ICE in
ICCRA_1 of the I
2C, bit RE in SCR_1 of the SCI, and bit P33DDR.
ICE
0
1
RE
0
1
P33DDR
0
1
Pin function
P33 input
P33 output*
1
RxD1 input
SCL1 I/O*
2
Notes: 1. NMOS open-drain output when P33ODR = 1.
2. NMOS open-drain output regardless of P33ODR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com