Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 605 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 605 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 601Page - Renesas Technology Corp H8S/2426 Datasheet HTML 602Page - Renesas Technology Corp H8S/2426 Datasheet HTML 603Page - Renesas Technology Corp H8S/2426 Datasheet HTML 604Page - Renesas Technology Corp H8S/2426 Datasheet HTML 605Page - Renesas Technology Corp H8S/2426 Datasheet HTML 606Page - Renesas Technology Corp H8S/2426 Datasheet HTML 607Page - Renesas Technology Corp H8S/2426 Datasheet HTML 608Page - Renesas Technology Corp H8S/2426 Datasheet HTML 609Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 605 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 577 of 1270
REJ09B0466-0100
• P83/ETEND3*5/IRQ3-B*5/RxD3/PO3-B/TIOCD3-B/TMCI1-B
The pin function is switched as shown below according to the combination of bit ETENDE in
EDMDR_3 of the EXDMAC, bit RE in SCR_3 of the SCI, TPU channel 3 settings (by bits
MD3 to MD0 in TMDR_3, bits IOD3 to IOD0 in TIORL_3, and bits CCLR2 to CCLR0 in
TCR_3), bit NDER3 in NDERL of the PPG, bits PPGS, TPUS, and TMRS in PFCR3, bit
P83DDR, and bit ITS3 in ITSR of the interrupt controller.
• Modes 1, 2, 4, and 7 (EXPE = 1)
TPU channel 3
settings
(1) in table
below
(2) in table below
ETENDE
0
1
RE
0
1
P83DDR
0
1
1
NDER3
0
1
P83 input
P83 output
PO3-B
output*
2
RxD3 input
ETEND3
output
TIOCD3-B
output*
3
TIOCD3-B input*
3
IRQ3-B interrupt input*1
Pin function
TMCI1-B input*
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com