Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 620 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 620 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 616Page - Renesas Technology Corp H8S/2426 Datasheet HTML 617Page - Renesas Technology Corp H8S/2426 Datasheet HTML 618Page - Renesas Technology Corp H8S/2426 Datasheet HTML 619Page - Renesas Technology Corp H8S/2426 Datasheet HTML 620Page - Renesas Technology Corp H8S/2426 Datasheet HTML 621Page - Renesas Technology Corp H8S/2426 Datasheet HTML 622Page - Renesas Technology Corp H8S/2426 Datasheet HTML 623Page - Renesas Technology Corp H8S/2426 Datasheet HTML 624Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 620 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 592 of 1270
REJ09B0466-0100
• Mode 7 (EXPE = 0)
A23E
CS7E*
4
0
SSU settings
Can be used as
I/O port
Input state
Output state
PA7DDR
0
1
0
PA7 input
PA7 output
SSO0-B input*
2
SSO0-B output*
3
Pin function
IRQ7-A interrupt input*1
Notes: 1.
IRQ7-A input when the ITS7 bit in ITSR is 0.
2. SSO0-B input when SSO0S1 and SSO0S0 = B'01 in PFCR5, and SSUMS, BIDE, MSS,
TE, and RE = B'000
×1 or B'01×01.
3. SSO0-B output when SSO0S1 and SSO0S0 = B'01 in PFCR5, and SSUMS, BIDE,
MSS, TE, and RE = B'001
××, B'0101×, or B'10×1×.
4. Supported only by the H8S/2424 Group and not supported by the H8S/2426 and
H8S/2426R Groups.
SSO pin settings
SSUMS
0
0
1
BIDE
0
1
0
MSS
0
1
0
1
0
1
TE
0
1
0
1
0
1
0
1
0
1
0
1
RE
1
0
1
1
0
1
1
0
1
0
1
0
1
1
0
1
Pin state
Input
Input
Output Output Input Output Input Output
 Output Output  Output Output
Legend:
: Pin is not used by the SSU (can be used as I/O port)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com