Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 622 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 622 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 618Page - Renesas Technology Corp H8S/2426 Datasheet HTML 619Page - Renesas Technology Corp H8S/2426 Datasheet HTML 620Page - Renesas Technology Corp H8S/2426 Datasheet HTML 621Page - Renesas Technology Corp H8S/2426 Datasheet HTML 622Page - Renesas Technology Corp H8S/2426 Datasheet HTML 623Page - Renesas Technology Corp H8S/2426 Datasheet HTML 624Page - Renesas Technology Corp H8S/2426 Datasheet HTML 625Page - Renesas Technology Corp H8S/2426 Datasheet HTML 626Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 622 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 594 of 1270
REJ09B0466-0100
SSI pin settings
SSUMS
0
0
1
BIDE
0
1
0
MSS
0
1
0
1
0
1
TE
0
1
0
1
0
1
0
1
0
1
0
1
RE
1
0
1
1
0
1
1
0
1
0
1
0
1
1
0
1
Pin state
Output Output Input
Input
Input
Input
Input
Input
Legend:
: Pin is not used by the SSU (can be used as I/O port)
• PA5/A21/IRQ5-A/SSCK0-B
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bits MSS and SCKS in SSCRH and bit SSUMS in SSCRL of the SSU, bit
A21E in PFCR1, bits SSCK0S1 and SSCK0S0 in PFCR5, bit PA5DDR, and bit ITS5 in ITSR
of the interrupt controller
• Modes 1, 2, and 4
A21E
0
1
SSU settings
Can be used as
I/O port
Input
state
Output
state
PA5DDR
0
1
0
0
1
PA5 input
PA5 output
SSCK0-B
input*
2
SSCK0-B
output*
3
PA5 input
A21 output
IRQ5-A interrupt input*1
Pin function
SSCK0-B input*
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com