Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 680 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 680 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 676Page - Renesas Technology Corp H8S/2426 Datasheet HTML 677Page - Renesas Technology Corp H8S/2426 Datasheet HTML 678Page - Renesas Technology Corp H8S/2426 Datasheet HTML 679Page - Renesas Technology Corp H8S/2426 Datasheet HTML 680Page - Renesas Technology Corp H8S/2426 Datasheet HTML 681Page - Renesas Technology Corp H8S/2426 Datasheet HTML 682Page - Renesas Technology Corp H8S/2426 Datasheet HTML 683Page - Renesas Technology Corp H8S/2426 Datasheet HTML 684Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 680 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 652 of 1270
REJ09B0466-0100
• Mode 7 (EXPE = 0)
BRLE
BREQOE
BREQOS
CS4E
0
1
PG4DDR
0
1
PG4 input
PG4 output
CS4 output*1
Pin function
TCK input*
3
Notes: 1. Not supported in the H8S/2426 Group and H8S/2426R Group.
2. Supported only in the 145-pin package.
3. TCK input when BSCANE pin = 1 in the 145-pin package.
• PG3/CS3/RAS3/CAS*
The pin function is switched as shown below according to the combination of the operating
mode, bits RMTS2 to RMTS0 in DRAMCR of the bus controller, bit CS3E in PFCR0, and bit
PG3DDR.
Operating
mode
1, 2, 4
7
EXPE
0
1
CS3E
0
1
0
1
RMTS2 to
RMTS0
Area 3 is in
normal
space
Area 3
is in
DRAM
space
Areas 2 to 5
are in
synchronous
DRAM*
space
Area 3 is in
normal
space
Area 3
is in
DRAM
space
Areas 2 to 5
are in
synchronous
DRAM*
space
PG3DDR
0
1
0
1
0
1
0
1
0
1
Pin
function
PG3
input
PG3
output
PG3
input
CS3
output
RAS3
output
CAS*
output
PG3
input
PG3
output
PG3
input
PG3
output
PG3
input
CS3
output
RAS3
output
CAS*
output
Note:
*
Not supported in the H8S/2426 Group and H8S/2424 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com