Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 683 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 683 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 679Page - Renesas Technology Corp H8S/2426 Datasheet HTML 680Page - Renesas Technology Corp H8S/2426 Datasheet HTML 681Page - Renesas Technology Corp H8S/2426 Datasheet HTML 682Page - Renesas Technology Corp H8S/2426 Datasheet HTML 683Page - Renesas Technology Corp H8S/2426 Datasheet HTML 684Page - Renesas Technology Corp H8S/2426 Datasheet HTML 685Page - Renesas Technology Corp H8S/2426 Datasheet HTML 686Page - Renesas Technology Corp H8S/2426 Datasheet HTML 687Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 683 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 655 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
0
PH0DDR
0
W
Pin PH1 functions as the SDRAM
φ* output pin
when the SDPSTP bit is 0 in a product supporting
the SDRAM interface. In a product not supporting
the SDRAM interface or when the SDPSTP bit is
1, if bit CS5E is set to 1 while area 5 is specified
as normal space, pin PH1 functions as the
CS5
output pin when bit PH1DDR is set to 1, and
functions as an I/O port when the bit is cleared to
0. When bit CS5E is cleared to 0, pin PH1 is an
I/O port, and its function can be switched with bit
PH1DDR. When area 5 is specified as DRAM
space and bit CS5E is set to 1, pin PH1 functions
as the
RAS5 output pin and as an I/O port when
the bit is cleared to 0.
Pin PH0 functions as the
CS4 output pin when
area 4 is specified as normal space and bit
PH0DDR is set to 1. If bit PH0DDR is cleared to 0,
pin PH0 functions as an I/O port. When bit CS4E
is cleared to 0, pin PH0 is an I/O port, and its
function can be switched with bit PH0DDR. When
area 4 is specified as DRAM space and bit CS4E
is set to 1, pin PH0 functions as the
RAS4 output
pin and as an I/O port when the bit is cleared to 0.
When areas 2 to 5 are specified as continuous
SDRAM space*, pin PH0 functions as the
WE
output pin when bit CS4E is set to 1, and as an I/O
port when the bit is cleared to 0.
• Mode 7 (when EXPE = 0)
Pins PH3 to PH0 are I/O ports, and their functions
can be switched with PHDDR.
Pin PH1 functions as the SDRAM
φ output pin
when the SDPSTP bit is 0 in a product supporting
the SDRAM interface. In a product not supporting
the SDRAM interface or when the SDPSTP bit is
1, pin PH1 is an I/O port and its function can be
switched with PHDDR.
Note:
*
Not supported in the H8S/2426 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com