Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 687 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 687 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 683Page - Renesas Technology Corp H8S/2426 Datasheet HTML 684Page - Renesas Technology Corp H8S/2426 Datasheet HTML 685Page - Renesas Technology Corp H8S/2426 Datasheet HTML 686Page - Renesas Technology Corp H8S/2426 Datasheet HTML 687Page - Renesas Technology Corp H8S/2426 Datasheet HTML 688Page - Renesas Technology Corp H8S/2426 Datasheet HTML 689Page - Renesas Technology Corp H8S/2426 Datasheet HTML 690Page - Renesas Technology Corp H8S/2426 Datasheet HTML 691Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 687 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 659 of 1270
REJ09B0466-0100
• PH2/CS6/IRQ6-B
The pin function is switched as shown below according to the combination of the operating
mode, bit CS6E in PFCR0, and bit PH2DDR.
Operating
mode
1, 2, 4
7
EXPE
0
1
CS6E
0
1
0
1
PH2DDR
0
1
0
1
0
1
0
1
0
1
PH2
input
PH2
output
PH2
input
CS6
output
PH2
input
PH2
output
PH2
input
PH2
output
PH2
input
CS6
output
Pin
function
IRQ6-B interrupt input*
Note:
*
IRQ6-B input when the ITS6 bit in ITSR is 1.
• PH1/CS5/RAS5/SDRAMφ*
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bits RMTS2 to RMTS0 in DRAMCR of the bus controller, bit SDPSTP in
SCKCR of the clock pulse generator, bit CS5E in PFCR0 and bit PH1DDR.
SDPSTP
1
0
Operating
mode
1, 2, 4
7
EXPE
0
1
OEE
0
1
0
1
OES
0
0
RMTS2 to
RMTS0
Area 5 is normal space
Area 5 is DRAM
space
Area 5 is normal space
Area 5 is DRAM
space
CS5E
0
1
0
1
0
1
0
1
PH1DDR
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Pin
function
PH1
input
PH1
output
PH1
input
CS5
output
PH1
input
PH1
output
RAS5
output
PH1
input
PH1
output
PH1
input
PH1
output
PH1
input
CS5
output
PH1
input
PH1
output
RAS5
output
SDRAM
φ
output*
Note:
*
Not supported in the H8S/2426 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com