Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 689 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 689 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 685Page - Renesas Technology Corp H8S/2426 Datasheet HTML 686Page - Renesas Technology Corp H8S/2426 Datasheet HTML 687Page - Renesas Technology Corp H8S/2426 Datasheet HTML 688Page - Renesas Technology Corp H8S/2426 Datasheet HTML 689Page - Renesas Technology Corp H8S/2426 Datasheet HTML 690Page - Renesas Technology Corp H8S/2426 Datasheet HTML 691Page - Renesas Technology Corp H8S/2426 Datasheet HTML 692Page - Renesas Technology Corp H8S/2426 Datasheet HTML 693Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 689 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 661 of 1270
REJ09B0466-0100
10.17
Port J
Note:
Port J is not supported in the H8S/2424 Group and in the 145-pin package.
Port J is a 3-bit I/O port. Port J has the following registers.
• Port J data direction register (PJDDR)
• Port J data register (PJDR)
• Port J register (PORT3)
• Port J open drain control register (PJODR)
10.17.1
Port J Data Direction Register (PJDDR)
The individual bits of PJDDR specify input or output for the pins of port J. PJDDR cannot be read;
if it is, an undefined value will be read.
Bit
Bit Name
Initial Value
R/W
Description
7 to 2
All 0
Reserved
1
PJ1DDR
0
W
0
PJ0DDR
0
W
When a pin function is specified as a general
purpose I/O, setting this bit to 1 makes the
corresponding pin an output port, while clearing this
bit to 0 makes the corresponding pin an input port.
10.17.2
Port J Data Register (PJDR)
PJDR stores output data for the port J pins.
Bit
Bit Name
Initial Value
R/W
Description
7 to 2
All 0
Reserved
These bits are always read as 0 and cannot be
modified.
1
PJ1DR
0
R/W
0
PJ0DR
0
R/W
Output data for a pin is stored when the pin function
is specified as a general purpose I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com