Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 690 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 690 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 686Page - Renesas Technology Corp H8S/2426 Datasheet HTML 687Page - Renesas Technology Corp H8S/2426 Datasheet HTML 688Page - Renesas Technology Corp H8S/2426 Datasheet HTML 689Page - Renesas Technology Corp H8S/2426 Datasheet HTML 690Page - Renesas Technology Corp H8S/2426 Datasheet HTML 691Page - Renesas Technology Corp H8S/2426 Datasheet HTML 692Page - Renesas Technology Corp H8S/2426 Datasheet HTML 693Page - Renesas Technology Corp H8S/2426 Datasheet HTML 694Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 690 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 662 of 1270
REJ09B0466-0100
10.17.3
Port J Register (PORTJ)
PORTJ shows the pin states of port J. PORTJ cannot be modified.
Bit
Bit Name
Initial Value
R/W
Description
7 to 3
Undefined
Reserved
If these bits are read, they will return an undefined
value.
2
PJ2
*
R
The pin state is always read from this register. Bit 2
is reserved for the 145-pin version.
1
PJ1
*
R
0
PJ0
*
R
If this register is read, the PJDR values are read for
the bits with the corresponding PJDDR bits set to 1.
For the bits with the corresponding PJDDR bits
cleared to 0, the pin states are read.
Note:
*
Determined by the state of pins PJ0 to PJ2.
10.17.4
Port J Open Drain Control Register (PJODR)
PJODR specifies the output type of each port J pin.
Bit
Bit Name
Initial Value
R/W
Description
7 to 2
All 0
Reserved
These bits are always read as 0. Only the initial
values should be written to these bits.
1
PJ1ODR
0
R/W
0
PJ0ODR
0
R/W
Setting a PJODR bit to 1 makes the corresponding
pin an NMOS open-drain output pin, while clearing
a PJODR bit to 0 makes the corresponding pin a
CMOS output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com