Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 847 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 847 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 843Page - Renesas Technology Corp H8S/2426 Datasheet HTML 844Page - Renesas Technology Corp H8S/2426 Datasheet HTML 845Page - Renesas Technology Corp H8S/2426 Datasheet HTML 846Page - Renesas Technology Corp H8S/2426 Datasheet HTML 847Page - Renesas Technology Corp H8S/2426 Datasheet HTML 848Page - Renesas Technology Corp H8S/2426 Datasheet HTML 849Page - Renesas Technology Corp H8S/2426 Datasheet HTML 850Page - Renesas Technology Corp H8S/2426 Datasheet HTML 851Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 847 / 1302 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 1.00 Sep. 19, 2008 Page 819 of 1270
REJ09B0466-0100
13.8.4
Contention between Compare Matches A and B
If compare match events A and B occur at the same time, the 8-bit timer operates in accordance
with the priorities for the output statuses set for compare match A and compare match B, as shown
in table 13.5.
Table 13.5
Timer Output Priorities
Output Setting
Priority
Toggle output
High
1 output
0 output
No change
Low
13.8.5
Switching of Internal Clocks and TCNT Operation
TCNT may increment erroneously when the internal clock is switched over. Table 13.6 shows the
relationship between the timing at which the internal clock is switched (by writing to the CKS1,
CKS0, ICKS1, and ICKS0 bits) and the TCNT operation.
When the TCNT clock is generated from an internal clock, the rising edge or falling edge of the
internal clock pulse is detected. Therefore, when the falling edge is selected, if clock switching
causes a change from high to low level, as shown in case 3 in table 13.6, a TCNT clock pulse is
generated and the TCNT incremented on the assumption that the switchover is a falling edge. This
is the same as when the rising edge is selected.
The erroneous incrementation can also happen when switching between the rising edge and falling
edge of an internal clock or switching between internal and external clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com