Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 849 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 849 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 845Page - Renesas Technology Corp H8S/2426 Datasheet HTML 846Page - Renesas Technology Corp H8S/2426 Datasheet HTML 847Page - Renesas Technology Corp H8S/2426 Datasheet HTML 848Page - Renesas Technology Corp H8S/2426 Datasheet HTML 849Page - Renesas Technology Corp H8S/2426 Datasheet HTML 850Page - Renesas Technology Corp H8S/2426 Datasheet HTML 851Page - Renesas Technology Corp H8S/2426 Datasheet HTML 852Page - Renesas Technology Corp H8S/2426 Datasheet HTML 853Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 849 / 1302 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 1.00 Sep. 19, 2008 Page 821 of 1270
REJ09B0466-0100
No.
Timing of Switchover
by Means of Modifying
CKS1, CKS0, ICKS1,
and ICKS0 Bits
TCNT Clock Operation
4
Switching from high
to high
Clock before
switchover
Clock after
switchover
TCNT clock
TCNT
CKS bit write
N
N + 1
N + 2
Notes: 1. Includes switching from low to stop, and from stop to low.
2. Includes switching from stop to high.
3. Includes switching from high to stop.
4. Generated on the assumption that the switchover is a falling edge; TCNT is
incremented.
13.8.6
Mode Setting with Cascaded Connection
If 16-bit counter mode and compare match count mode are specified at the same time, input clocks
for TCNT_0 and TCNT_1 are not generated, and the counter stops. Do not specify 16-bit counter
and compare match count modes simultaneously.
13.8.7
Module Stop Mode Setting
Operation of the TMR can be disabled or enabled using the module stop control register. The
initial setting is for operation of the TMR to be halted. Register access is enabled by clearing
module stop mode. For details, refer to section 24, Power-Down Modes.
13.8.8
Interrupts in Module Stop Mode
If module stop mode is entered when an interrupt has been requested, it will not be possible to
clear the CPU interrupt source or the DTC and DMAC activation source. Interrupts should
therefore be disabled before entering module stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com